Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8-8 Datasheet (PDF) - Protek Devices

SLVU2.8-8 Datasheet PDF - Protek Devices
Part # SLVU2.8-8
Download  SLVU2.8-8 Download
File Size   80.03 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

SLVU2.8-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLVU2.8-8 Datasheet PDF - Protek Devices

Part # SLVU2.8-8
Download  SLVU2.8-8 Click to download

File Size   80.03 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITANCE TVS ARRAY

SLVU2.8-8 Datasheet (HTML) - Protek Devices


SLVU2.8-8 Product details

DESCRIPTION
The SLVU2.8-8 is an ultra low capacitance TVS array that provides four line pairs of protection. This device protects high-frequency applications such as voice, video and data related systems and is designed to minimize the effects of high overshoot voltage experienced during and ESD event. This device has an in-line design, which reduces lead inductance thus providing lower overshoot voltage.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(LineGnd) & Level 3(Line-Line)
• 600 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Protects up to Four Line Pairs
• Low Leakage Current < 1.0µA
• Ultra Low Capacitance: 6pF Typical
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet - 10/100/1000 Base T
• SMART Phones
• Audio/Video Inputs
• Portable Electronics




Similar Part No. - SLVU2.8-8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8-8 SEMTECH-SLVU2.8-8 Datasheet
238Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SLVU2.8-8 PROTEC-SLVU2.8-8 Datasheet
695Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
logo
Socay Electornics Co., ...
SLVU2.8-8 SOCAY-SLVU2.8-8 Datasheet
267Kb / 4P
Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Semitech Semic...
SLVU2.8-8 SEMITECH-SLVU2.8-8 Datasheet
372Kb / 7P
Low capacitance
logo
Shanghai Leiditech Elec...
SLVU2.8-8 LEIDITECH-SLVU2.8-8 Datasheet
290Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Similar Description - SLVU2.8-8

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com