Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LM321MF Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LM321MF
Download  LM321MF Download
File Size   2809.26 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The LM321 brings performance and economy to low power

LM321MF Datasheet (PDF)

Go To PDF Page Download Datasheet
LM321MF Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM321MF
Download  LM321MF Click to download

File Size   2809.26 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The LM321 brings performance and economy to low power

LM321MF Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LM321MF Product details

DESCRIPTION
The LM321 brings performance and economy to low power
SOT-23-5L
systems. With a high unity gain frequency
and a
guaranteed 0.4V/μs slew rate, the quiescent current is
only 430μA/amplifier (5V). The input common mode
range
includes ground and
therefore
the device
is able
to
operate
in single supply
applications as well
as in dual
supply
applications. It
is also capable of comfortably
driving
large
capacitive
loads.
The LM321 is available in the SOT-23-5L pack age. Overall the LM321 is a low power, wide
supply range performance
op amp
that
can be
designed
into
a wide range of applications
at
an
economical
price without sacrificing valuable board space.
FEATURES
Gain-Bandwidth product: 1MHz
Low supply current: 430μA
Low input bias current: 45nA
Wide supply voltage range: +3V to +32V
APPLICATIONS
Chargers
Power
supplies
Industrial: controls, instruments
Desktops
Communications infrastructure




Similar Part No. - LM321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321MF NSC-LM321MF Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321MF TI1-LM321MF Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
LM321MF/NOPB TI1-LM321MF/NOPB Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
LM321MF/NOPB TI2-LM321MF/NOPB Datasheet
682Kb / 22P
LM321 Low Power Single Operational Amplifier
REVISED DECEMBER 2014
More results


Similar Description - LM321MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2813DTR-4 TI-UCC2813DTR-4 Datasheet
215Kb / 8P
Low Power Economy BiCMOS Current Mode PWM
logo
List of Unclassifed Man...
2B30 ETC1-2B30 Datasheet
38Kb / 1P
High Performance, Economy Strain Gage/RTD Conditioners
UCC2813-0 ETC-UCC2813-0 Datasheet
196Kb / 8P
Low Power Economy BiCMOS Current Mode PWM
logo
Intronics Power, Inc.
2B30J INTRONICS-2B30J Datasheet
1Mb / 6P
High Performance, Economy Strain Gage/RTD Conditioners
logo
Texas Instruments
UCC2813D-0 TI1-UCC2813D-0 Datasheet
4Mb / 25P
Low Power Economy BiCMOS Current Mode PWM
UCC2813D-5 TI1-UCC2813D-5 Datasheet
4Mb / 25P
Low Power Economy BiCMOS Current Mode PWM
UCC2813-0 TI1-UCC2813-0_13 Datasheet
4Mb / 25P
Low Power Economy BiCMOS Current Mode PWM
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
OmniVision Technologies...
OV16E10 OMNIVISION-OV16E10 Datasheet
739Kb / 2P
16MP Image Sensor Brings Top Performance
OV8856 OMNIVISION-OV8856 Datasheet
656Kb / 2P
High Performance PureCel짰 Sensor Brings 8-Megapixel Selfies to Mainstream Smartphones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com