Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF Datasheet (PDF) - Tiger Electronic Co.,Ltd

LM321MF Datasheet PDF - Tiger Electronic Co.,Ltd
Part # LM321MF
Download  LM321MF Download
File Size   1447.33 Kbytes
Page   9 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Low Power Single Op Amp

LM321MF Datasheet (PDF)

Go To PDF Page Download Datasheet
LM321MF Datasheet PDF - Tiger Electronic Co.,Ltd

Part # LM321MF
Download  LM321MF Click to download

File Size   1447.33 Kbytes
Page   9 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Low Power Single Op Amp

LM321MF Datasheet (HTML) - Tiger Electronic Co.,Ltd


LM321MF Product details

DESCRIPTION

The LM321 brings performance and economy to low power systems. With a high unitygain frequencyand a guaranteed 0.4V/µs slew rate, the quiescent current is only430µA/amplifier (5V). The input common mode range includes ground and therefore the device is able to operate in single supplyapplications as well as in dual supplyapplications. It is also capable of comfortably driving large capacitive loads.



FEATURES

Gain-Bandwidth product: 1MHz

Low supplycurrent: 430µA

Low input bias current: 45nA

Wide supplyvoltage range: +3V to +32V

Single version of LM358




Similar Part No. - LM321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321MF NSC-LM321MF Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321MF TI1-LM321MF Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Guangdong Youtai Semico...
LM321MF UMW-LM321MF Datasheet
2Mb / 8P
The LM321 brings performance and economy to low power
logo
Texas Instruments
LM321MF/NOPB TI1-LM321MF/NOPB Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
LM321MF/NOPB TI2-LM321MF/NOPB Datasheet
682Kb / 22P
LM321 Low Power Single Operational Amplifier
REVISED DECEMBER 2014
More results


Similar Description - LM321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
Low Power Single OP-AMP
logo
Texas Instruments
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com