Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM321MF
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM321MF Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM321MF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Low Power Single Op Amp
LM321MF
DESCRIPTION
The
LM321 brings performance and economy to low power
SOT-23-5L
systems. With a high unity gain frequency and a
guaranteed 0.4V/µs slew rate, the quiescent current is
only 430µA/amplifier (5V). The input common mode
range includes ground and therefore the device is able to
operate in single supply applications as well as in dual
supply applications. It is also capable of comfortably
driving large capacitive loads.
The
LM321MF is available in the SOT-23-5L package. Overall the LM321MF is a low power, wide
supply range performance op amp that can be designed into a wide range of applications
at an economical price without sacrificing valuable board space.
FEATURES
Gain-Bandwidth product: 1MHz
Low supply current: 430µA
Low input bias current: 45nA
Wide supply voltage range: +3V to +32V
Single version of
LM358
APPLICATIONS
Chargers
Power supplies
Industrial: controls, instruments
Desktops
Communications infrastructure
TIGER ELECTRONIC CO.,LTD
1/9


Similar Part No. - LM321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321MF NSC-LM321MF Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321MF TI1-LM321MF Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Guangdong Youtai Semico...
LM321MF UMW-LM321MF Datasheet
2Mb / 8P
The LM321 brings performance and economy to low power
logo
Texas Instruments
LM321MF/NOPB TI1-LM321MF/NOPB Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
LM321MF/NOPB TI2-LM321MF/NOPB Datasheet
682Kb / 22P
LM321 Low Power Single Operational Amplifier
REVISED DECEMBER 2014
More results

Similar Description - LM321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
Low Power Single OP-AMP
logo
Texas Instruments
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com