Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF Datasheet(PDF) 7 Page - Tiger Electronic Co.,Ltd

Part # LM321MF
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM321MF Datasheet(HTML) 7 Page - Tiger Electronic Co.,Ltd

  LM321MF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LM321MF
metal fusing, but rather due to the large increase in IC chip dissipation which will cause
eventual failure due to excessive junction temperatures. The larger value of output source
current which is available at 25°C provides a larger output current capability at elevated
temperatures than a standard IC op amp.
The circuits presented in the section on typical applications emphasize operation on only a
single power supply voltage. If complementary power supplies are available, all of the
standard op amp circuits can be used. In general, introducing a pseudo-ground (a bias
voltage reference of V + /2) will allow operation above and below this value in single power
supply systems. Many application circuits are shown which take advantage of the wide input
common-mode voltage range which includes ground. In most cases, input biasing is not
required and input voltages which range to ground can easily be accommodated.
CHARACTURISTIC CURVES
(Unless otherwise specified: Vs=+5V, single supply,Ta=25℃ )
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com