Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM321MF
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM321MF Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM321MF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM321MF
BLOCK DIAGRAM
MARKING INFORMATION
Year Code
Data Code
Print Model
D321: E
ABSOLUTE MAXIMUM RATINGS (Note 1)
Characteristic
Value
Unit
Supply Voltage,(V + - V - )
32
V
Input Voltage
-0.3~+32
V
Output Short Circuit to GND V + ≤ 15V anf Ta=25℃
Note2
Continuous
Junction Temperature (Note3)
150
℃
Thermal Resistance to Ambient (θ JA )
265
℃
Operating Temperature Range
-40~+85
℃
Storage Temperature Range
-65~+150
℃
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: V + =5.0V)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Offset Voltage
Ta=25℃( Note 4)
2
5
mV
Input Bias Current
Ta=25℃ , IIN(+) or IIN( -) ,
VCM=0V ( Note 5)
45
150
nA
Input Offset Current
Ta=25℃, IIN(+) - IIN( -), VCM=0V
3
30
nA
Input
Common-Mode
Voltage Range
Ta=25℃, V + =30V( Note 6)
0
V + -1.5
V
V + =30V
0.66
2
Supply Current
Over
Full
Temperature
Range, RL=
∞ on all Op
Amps
V + =5V
0.43
1.2
mA
Large Signal Voltage
Gain
V + =15V, Ta=25℃, RL
≥2kΩ
(
For Vo=1~11V)
50
100
V/mV
Common-Mode
Rejection Ratio
DC, Ta=25℃, VCM=0~V + -1.5V
70
90
dB
Power Supply
Rejection Ratio
DC, Ta=25℃, V + =5~30V
75
100
dB
Amplifier-to-Amplifier
Coupling
Ta=25℃, f=1~20kHz
(
Input Referred)( Note 7)
-120
dB
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com