Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ18VAL Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

MMBZ18VAL Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # MMBZ18VAL
Download  MMBZ18VAL Download
File Size   546.82 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Common Anode Zeners for ESD Protection

MMBZ18VAL Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ18VAL Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # MMBZ18VAL
Download  MMBZ18VAL Click to download

File Size   546.82 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Common Anode Zeners for ESD Protection

MMBZ18VAL Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


MMBZ18VAL Product details

DESCRIPTION
The dual monolithic silicon Zener diodes are designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. Their dual junction common anode design protects two separate lines using only one package. These devices ideal for situations where board space is at a premium.

FEATURES
SOT-23 package allows either two separate unidirectional configurations or a single bidirectional configuration.
Working peak reverse voltage 3V to 22V
Standard Zener breakdown voltage 5.6V to 27V
Peak power 24 or Watts @ 1.0ms (unidirectional) per Figure 6 Waveform
ESD Rating:
Class 3B (>16kV) per the Human Body Model
Class C (>400V) per Machine Model
ESD Rating of IEC61000-4-2 level 4, ±30kV contact Discharge
Low leakage < 5.0μA

APPLICATIONS
Computers
Printers
Business Machines
Communication systems
Medical equipment




Similar Part No. - MMBZ18VAL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ18VAL DIODES-MMBZ18VAL Datasheet
71Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
logo
ON Semiconductor
MMBZ18VAL ONSEMI-MMBZ18VAL Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
NXP Semiconductors
MMBZ18VAL NXP-MMBZ18VAL Datasheet
78Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
logo
Diodes Incorporated
MMBZ18VAL DIODES-MMBZ18VAL Datasheet
108Kb / 5P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev. 13 - 2 February 2010
logo
Rohm
MMBZ18VAL ROHM-MMBZ18VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
More results


Similar Description - MMBZ18VAL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZL5V1AXV3T1 ONSEMI-NZL5V1AXV3T1 Datasheet
68Kb / 6P
Zener Voltage Regulators (SC-89 Dual Common Anode Zeners for ESD Protection)
June, 2003 - Rev. 0
NZL5V6ATT1 ONSEMI-NZL5V6ATT1 Datasheet
122Kb / 4P
SC75 Dual Common Anode Zener for ESD Protection
May, 2006 ??Rev. 3
MA3075WALT1 ONSEMI-MA3075WALT1_05 Datasheet
54Kb / 4P
Zener Transient Voltage Suppressor SOT??3 Dual Common Anode Zeners for ESD Protection
December, 2005 ??Rev. 2
NZ23C5V6ALT1G ONSEMI-NZ23C5V6ALT1G Datasheet
150Kb / 7P
24 Watt Peak Power Zener Transient Voltage Suppressors SOT??3 Dual Common Anode Zeners for ESD Protection
December, 2009 ??Rev. 0
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
DS32004 Rev. 3 - 2
logo
Isahaya Electronics Cor...
INTB18VAC1 ISAHAYA-INTB18VAC1 Datasheet
429Kb / 3P
FOR ESD PROTECTION SILICON EPITAXIAL TYPE(COMMON ANODE)
logo
Rectron Semiconductor
ESDXXXAL RECTRON-ESDXXXAL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
ESDXXXALV RECTRON-ESDXXXALV Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
TEPXXCL RECTRON-TEPXXCL Datasheet
535Kb / 6P
Common Cathode Zeners for ESD Protection
logo
TECH PUBLIC Electronics...
MMBZ27VALT1G TECHPUBLIC-MMBZ27VALT1G Datasheet
996Kb / 4P
Dual Common Anode zeners for ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com