Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ18VAL Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # MMBZ18VAL
Description  Common Anode Zeners for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

MMBZ18VAL Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  MMBZ18VAL Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ18VAL Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ18VAL Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ18VAL Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ18VAL Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
24 WATTS
ELECTRICAL CHARACTERISTICS (Tamb=25
°C)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 to 3)
Part
Number
Device
Marking
VRWM
IR
VBR
ZZT
ZZK
VC
(V)
(µA)
(V)
(mA)
(Ω)
(Ω)
(mA
)
(V)
(A)
@
VRWM
Min
Nom
Max
@
IT
Max
@IZT
Max
@
IZK
Max
@
IPP
MMBZ5V6AL
5A6
3.0
5.0
5.32
5.6
5.88
20
11
1600
0.25
8.0
3.0
MMBZ6V2AL
6A2
3.0
0.5
5.89
6.2
6.51
1.0
--
--
--
8.7
2.76
MMBZ6V8AL
6A8
4.5
0.5
6.46
6.8
7.14
1.0
--
--
--
9.6
2.5
VF=0.9V Max @ IF=10mA
40 WATTS
ELECTRICAL CHARACTERISTICS (Tamb=25
°C)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 to 3)
Part
Number
Device
Marking
VRWM
IR
VBR
VC (note1)
(V)
(nA)
(V)
(mA)
(V)
(A)
@
VRWM
Min
Nom
Max
@
IT
Max
@
IPP
MMBZ12VAL
12A
8.5
200
11.40
12
12.60
1
17
2.35
MMBZ15VAL
15A
12.0
50
14.25
15
15.75
1
21
1.90
MMBZ18VAL
18A
14.5
50
17.10
18
18.90
1
25
1.60
MMBZ27VAL
27A
22.0
50
25.65
27
28.35
1
40
1.0
VF=0.9V Max @ IF=10mA
Note 1: Surge Current waveform per Figure 5
www.umw-ic.com
2
友台半导体有限公司
Common Anode Zeners for ESD Protection
MMBZxxxALT1G
UMW
R
Marking
5A6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com