Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10SMBT Datasheet (PDF) - UN Semiconducctor INC

10SMBT Datasheet PDF - UN Semiconducctor INC
Part # 10SMBT
Download  10SMBT Download
File Size   3400.45 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 6.5 To 75V 1000W Surface Mount Transient Voltage Suppressors

10SMBT Datasheet (PDF)

Go To PDF Page Download Datasheet
10SMBT Datasheet PDF - UN Semiconducctor INC

Part # 10SMBT
Download  10SMBT Click to download

File Size   3400.45 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 6.5 To 75V 1000W Surface Mount Transient Voltage Suppressors

10SMBT Datasheet (HTML) - UN Semiconducctor INC


10SMBT Product details

Features
Glass passivated chip .
1000 W peak pulse power capability with a 10/1000 us waveform .
Repetitive rate (duty cycle):0.01 % .
Very Fast response time: typically less than 1.0ps from 0V to VBR min
Excellent clamping capability .
For surface mounted applications in order to optimize board space .
High temperature soldering: 260℃/10s at terminals .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .




Similar Part No. - 10SMBT

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
10SMB100A SHUNYE-10SMB100A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB100CA SHUNYE-10SMB100CA Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB10A SHUNYE-10SMB10A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB10CA SHUNYE-10SMB10CA Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
10SMB110A SHUNYE-10SMB110A Datasheet
1Mb / 7P
Transient Voltage Suppressors (TVS) Data Sheet
V2.22
More results


Similar Description - 10SMBT

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
1000W Surface Mount Transient Voltage Suppressor
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
1000W Surface Mount Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
1.0SMBJ5.0CA HUAXINAN-1.0SMBJ5.0CA Datasheet
431Kb / 5P
1000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
10SMBJ UNSEMI-10SMBJ Datasheet
3Mb / 6P
5.0 To 200V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMB10J UNSEMI-TPSMB10J Datasheet
2Mb / 5P
15 To 40V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com