Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10SMBT Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # 10SMBT
Description  6.5 To 75V 1000W Surface Mount Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

10SMBT Datasheet(HTML) 4 Page - UN Semiconducctor INC

  10SMBT Datasheet HTML 1Page - UN Semiconducctor INC 10SMBT Datasheet HTML 2Page - UN Semiconducctor INC 10SMBT Datasheet HTML 3Page - UN Semiconducctor INC 10SMBT Datasheet HTML 4Page - UN Semiconducctor INC 10SMBT Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/4
10SMBT Series
6.5 To 75V 1000W
Soldering Parameters
Dimensions
Dimensions
Min
Max
Max
Min
Inches
Millimeters
A
B
C
D
E
F
G
H
M
K
N
P
0.130
0.201
0.077
0.166
0.030
0.075
0.002
0.077
0.006
0.008
0.027
0.052
0.155
0.220
0.083
0.185
0.063
0.103
0.008
0.104
0.016
0.014
0.033
0.058
3.30
5.10
1.95
4.22
0.750
1.90
0.05
1.95
0.15
0.20
0.69
1.32
3.94
5.60
2.11
4.70
1.60
2.55
0.20
2.65
0.41
0.35
0.084
1.47
Ramp up
TSMAX
TSMIN
Ramp down
Time
Reflow Profile
TP
TL
25
Critical Zone
TL to Tp
tL
t 25℃ to Peak
ts
Preheat
TP
pd-Lead–free assembly
150°C
200°C
60 -180 Seconds
3°C/second max
3°C/second max
217°C
60 -150 Seconds
260 +0/-5°C
20 - 40 Seconds
6°C/second max
8 minutes Max
280°C
Reflow Condition
Pre Heat
-Temperature Min (Ts(min))
-Temperature Max (Ts(max))
- Time (min to max) (TS)
Average ramp up rate ( Liquidus
Temp TL) to peak
TS(max) to TL - Ramp-up Rate
Reflow
- Temperature (TL) (Liquidus)
- Time (min to max) (TS)
Peak Temperature (TP)
Do not exceed
Time 25°C to peak Temperature (TP)
Time within 5°C of actual peak
Temperature (TP)
Ramp-down Rate



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com