Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D25005L Datasheet (PDF) - RFE international

D25005L Datasheet PDF - RFE international
Part # D25005L
Download  D25005L Download
File Size   569.71 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Bridge Rectifiers

D25005L Datasheet (PDF)

Go To PDF Page Download Datasheet
D25005L Datasheet PDF - RFE international

Part # D25005L
Download  D25005L Click to download

File Size   569.71 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Bridge Rectifiers

D25005L Datasheet (HTML) - RFE international


D25005L Product details

FEATURES
UL recognition, file #E230084
Universal 3-way terminals: snap-on, wire
wrap-around,or PCB mounting
High surge current capability
Solder dip 275 °C max. 7 s, per JESD 22-B106




Similar Part No. - D25005L

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2500 AGERE-D2500 Datasheet
267Kb / 8P
1.5 m m D2500-Type Digital Isolated DFB Laser Module
February 2000
logo
3M Electronics
D2500 3M-D2500 Datasheet
1Mb / 6P
3M™ Four‑Wall Header
logo
Nell Semiconductor Co.,...
D2500D NELLSEMI-D2500D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D2500D NELLSEMI-D2500D Datasheet
659Kb / 5P
Standard Recovery Diodes
D2500D08 NELLSEMI-D2500D08 Datasheet
659Kb / 5P
Standard Recovery Diodes
More results


Similar Description - D25005L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com