Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2500 Datasheet (PDF) - 3M Electronics

D2500 Datasheet PDF - 3M Electronics
Part # D2500
Download  D2500 Download
File Size   1552.72 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Four‑Wall Header

D2500 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2500 Datasheet PDF - 3M Electronics

Part # D2500
Download  D2500 Click to download

File Size   1552.72 Kbytes
Page   6 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Four‑Wall Header

D2500 Datasheet (HTML) - 3M Electronics


D2500 Product details

Features
■ Current Rating: 5.00 A, 1 Contact Powered
■ 3.00 A, 6 Contacts Powered
■ 1.75 A, All Contacts Powered
■ Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise,
■ 20% derated. Reference appropriate 3M Product Specifi cation for detailed
■ current derating curves.
■ Insulation Resistance: >1 x 109 Ω at 500 VDC
■ Withstanding Voltage: 1,000 VRMS at Sea Level Environmental
■ Temperature Rating: -55˚C to +105˚C Process Rating: 260˚C single pass (profi le per J-STD-020C)




Similar Part No. - D2500

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2500 AGERE-D2500 Datasheet
267Kb / 8P
1.5 m m D2500-Type Digital Isolated DFB Laser Module
February 2000
logo
RFE international
D25005L RFE-D25005L Datasheet
569Kb / 3P
Bridge Rectifiers
19-APR-2023
logo
Nell Semiconductor Co.,...
D2500D NELLSEMI-D2500D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D2500D NELLSEMI-D2500D Datasheet
659Kb / 5P
Standard Recovery Diodes
D2500D08 NELLSEMI-D2500D08 Datasheet
659Kb / 5P
Standard Recovery Diodes
More results


Similar Description - D2500

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2500 3M-2500 Datasheet
1Mb / 6P
3M™ Four-Wall Header
260
2514-6002-UB 3M-2514-6002-UB Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
260
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
3M™ Three-Wall Condo Header .100 × .100 Right Angle
03-Apr-2013
80400031292 3M-80400031292 Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
15-Dec-2011
3793 3M-3793 Datasheet
682Kb / 5P
3M Pak 100 4-Wall Header
07-Jan-2005
3000 3M-3000 Datasheet
682Kb / 5P
3M™ Pak 100 4-Wall Header
07-Jan-2005
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight, Compliant Pin
03-Apr-2013
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
N2524-6002RB 3M-N2524-6002RB Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
260
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com