Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMS4916 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

NTMS4916 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # NTMS4916
Download  NTMS4916 Download
File Size   404.05 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

NTMS4916 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMS4916 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # NTMS4916
Download  NTMS4916 Click to download

File Size   404.05 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V N-Channel MOSFET

NTMS4916 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


NTMS4916 Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Optimized Gate Charge to Minimize Switching Losses
• Optimized for 5 V, 12 V Gate Drives
• These Devices are Pb−Free, Halogen Free/BFR Free and
are RoHS Compliant
(VGS = 10V)


VDS (V) =30V
ID = 11.6 A
 RDS(ON) < 9 mΩ(VGS=10V)
 RDS (O N) < 12 mΩ(VGS=4.5V)




Similar Part No. - NTMS4916

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4916N ONSEMI-NTMS4916N Datasheet
119Kb / 5P
Power MOSFET 30 V, 11.6 A, N?묬hannel, SO?? Low RDS(on) to Minimize Conduction Losses
April, 2010 ??Rev. 0
NTMS4916NR2G ONSEMI-NTMS4916NR2G Datasheet
119Kb / 5P
Power MOSFET 30 V, 11.6 A, N?묬hannel, SO?? Low RDS(on) to Minimize Conduction Losses
April, 2010 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTMS4916NR2G VBSEMI-NTMS4916NR2G Datasheet
1,007Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - NTMS4916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com