Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PC817 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PC817
Download  PC817 Download
File Size   465.95 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The 817 series optocoupler is composed of a GaAs emitter and an NPN transistor.

PC817 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC817 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PC817
Download  PC817 Click to download

File Size   465.95 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The 817 series optocoupler is composed of a GaAs emitter and an NPN transistor.

PC817 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PC817 Product details

●Features:
1. Current conversion ratio (CTR: minimum. 50% working condition IF=5mA, VCE=5V)
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
2. Insulation Voltage: (VISO=5,000Vrms) Insulation Voltage = 5,000Vrms
3. Response time (tr: TYP. 4μs working conditions VCE=2V, IC=2mA, RL=100 Ω)
Response Time (tr: TYP. 4μs working condition VCE=2V, IC=2mA, RL=100 Ω)
4.UL approved: UL1577, file No. E492440

●Application Range
1. Computer. Computer
2. Instrumental application, measurement machine. Instrumental application, measurement machine
3. Storage, copying machine, vending machine. Imbursement equipments, duplicating machine, automat
4. Family-use electric equipments, such as fans, etc…
5. Signal transforming systems.




Similar Part No. - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC817 SHARP-PC817 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
More results


Similar Description - PC817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1212A TI-DS92LV1212A Datasheet
411Kb / 17P
The DS92LV 1212A is an upgrade of the DS92LV1212.
logo
Asahi Kasei Microsystem...
EQ-430L AKM-EQ-430L Datasheet
127Kb / 4P
EQ-430L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-431L AKM-EQ-431L Datasheet
127Kb / 4P
EQ-431L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-432L AKM-EQ-432L Datasheet
127Kb / 4P
EQ-432L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-732L AKM-EQ-732L Datasheet
122Kb / 4P
EQ-732L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-733L AKM-EQ-733L Datasheet
122Kb / 4P
EQ-733L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EZ-410 AKM-EZ-410 Datasheet
130Kb / 3P
EZ-410 is composed of an InAs Hall Element and a signal processing IC chip in a package
EZ-470 AKM-EZ-470 Datasheet
128Kb / 3P
EZ-470 is composed of an InAs Hall Element and a signal processing IC chip in a package
logo
Leshan Radio Company
L2SC3356RWT1G LRC-L2SC3356RWT1G Datasheet
653Kb / 4P
The L2SC3356RWT1G is an NPN silicon epitaxial transistor
logo
Guangdong Youtai Semico...
817B UMW-817B Datasheet
2Mb / 5P
817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com