Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMAJ Datasheet (PDF) - UN Semiconducctor INC

TPSMAJ Datasheet PDF - UN Semiconducctor INC
Part # TPSMAJ
Download  TPSMAJ Download
File Size   2871.85 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 10 To 85V 400W Surface Mount Transient Voltage Suppressors

TPSMAJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSMAJ Datasheet PDF - UN Semiconducctor INC

Part # TPSMAJ
Download  TPSMAJ Click to download

File Size   2871.85 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 10 To 85V 400W Surface Mount Transient Voltage Suppressors

TPSMAJ Datasheet (HTML) - UN Semiconducctor INC


TPSMAJ Product details

Features
Glass passivated chip
400W peak pulse power capability with a 10/1000μs
waveform, repetitive rate (duty cycle):0.01%
High reliability application and automotive grade AEC Q101
qualified
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant




Similar Part No. - TPSMAJ

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TPSMAJ ANOVA-TPSMAJ Datasheet
348Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMAJ LUGUANG-TPSMAJ Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors
logo
TECH PUBLIC Electronics...
TPSMAJ TECHPUBLIC-TPSMAJ Datasheet
3Mb / 6P
400W Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
TPSMAJ10A ANOVA-TPSMAJ10A Datasheet
348Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMAJ10A LUGUANG-TPSMAJ10A Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors
More results


Similar Description - TPSMAJ

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
400W Surface Mount Transient Voltage Suppressors
logo
E-CMOS Corporation
SMAXX E-CMOS-SMAXX Datasheet
224Kb / 5P
400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
logo
UN Semiconducctor INC
4.0SMF UNSEMI-4.0SMF Datasheet
3Mb / 6P
3.3 To 48V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
TPSMA UNSEMI-TPSMA Datasheet
2Mb / 6P
12 To 100V 400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
P4SMA UNSEMI-P4SMA Datasheet
3Mb / 7P
6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com