Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMDJ Datasheet (PDF) - UN Semiconducctor INC

TPSMDJ Datasheet PDF - UN Semiconducctor INC
Part # TPSMDJ
Download  TPSMDJ Download
File Size   2887.01 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 10 To 78V 3000W Surface Mount Transient Voltage Suppressors

TPSMDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSMDJ Datasheet PDF - UN Semiconducctor INC

Part # TPSMDJ
Download  TPSMDJ Click to download

File Size   2887.01 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 10 To 78V 3000W Surface Mount Transient Voltage Suppressors

TPSMDJ Datasheet (HTML) - UN Semiconducctor INC


TPSMDJ Product details

Features
Glass passivated chip
3000W peak pulse power capability with a 10/1000μs
waveform, repetitive rate (duty cycle):0.01% .
High reliability application and automotive grade AEC Q101
qualified
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant




Similar Part No. - TPSMDJ

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TPSMDJ ANOVA-TPSMDJ Datasheet
301Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMDJ LUGUANG-TPSMDJ Datasheet
973Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
TPSMDJ10A ANOVA-TPSMDJ10A Datasheet
301Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMDJ10A LUGUANG-TPSMDJ10A Datasheet
973Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
TPSMDJ10CA ANOVA-TPSMDJ10CA Datasheet
301Kb / 3P
Surface Mount Transient Voltage Suppressors
More results


Similar Description - TPSMDJ

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
3000W Surface Mount Transient Voltage Suppressors
Version 1.0 2017/10/26
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
3000W Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMCJ UNSEMI-TPSMCJ Datasheet
2Mb / 6P
10 To 78V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com