Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

3KP Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # 3KP
Download  3KP Download
File Size   230.41 Kbytes
Page   5 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3000W TRANSIENT VOLTAGE SUPPRESSORS

3KP Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3KP
Download  3KP Click to download

File Size   230.41 Kbytes
Page   5 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3000W TRANSIENT VOLTAGE SUPPRESSORS

3KP Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


3KP Product details

Features
● Glass Passivated Die Construction
● 3000W Peak Pulse Power Dissipation
● 5.0V-190V Standoff Voltage
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - 3KP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
CHENG-YI ELECTRONIC CO....
3KP CHENG-YI-3KP Datasheet
139Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3KP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
3000W Surface Mount Transient Voltage Suppressors
Version 1.0 2017/10/26
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
3000W Transient Voltage Suppressors
SMDJ5.0CA-3 HUAXINAN-SMDJ5.0CA-3 Datasheet
504Kb / 4P
3000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
logo
UN Semiconducctor INC
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com