Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D800BB70VD Datasheet (PDF) - Advanced Micro Devices

D800BB70VD Datasheet PDF - Advanced Micro Devices
Part # D800BB70VD
Download  D800BB70VD Download
File Size   1381.96 Kbytes
Page   46 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory

D800BB70VD Datasheet (PDF)

Go To PDF Page Download Datasheet
D800BB70VD Datasheet PDF - Advanced Micro Devices

Part # D800BB70VD
Download  D800BB70VD Click to download

File Size   1381.96 Kbytes
Page   46 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory

D800BB70VD Datasheet (HTML) - Advanced Micro Devices


D800BB70VD Product details

GENERAL DESCRIPTION
The Am29DL800B is an 8 Mbit, 3.0 volt-only flash memory device, organized as 524,288 words or 1,048,576 bytes. The device is offered in 44-pin SO, 48-pin TSOP, and 48-ball FBGA packages. The word wide (x16) data appears on DQ0–DQ15; the byte-wide (x8) data appears on DQ0–DQ7. This device requires only a single 3.0 volt VCC supply to perform read, program, and erase operations. A standard EPROM programmer can also be used to program and erase the device.

DISTINCTIVE CHARACTERISTICS
■ Simultaneous Read/Write operations
    — Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
    — Zero latency between read and write operations
    — Read-while-erase
    — Read-while-program
■ Single power supply operation
    — Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications
■ Manufactured on 0.35 µm process technology
    — Compatible with 0.5 µm Am29DL800 device
■ High performance
    — Access times as fast as 70 ns
■ Low current consumption (typical values at 5 MHz)
    — 7 mA active read current
    — 21 mA active read-while-program or read-whileerase current
    — 17 mA active program-while-erase-suspended current
    — 200 nA in standby mode
    — 200 nA in automatic sleep mode
    — Standard tCE chip enable access time applies to transition from automatic sleep mode to active mode
■ Flexible sector architecture
    — Two 16 Kword, two 8 Kword, four 4 Kword, and fourteen 32 Kword sectors in word mode
    — Two 32 Kbyte, two 16 Kbyte, four 8 Kbyte, and fourteen 64 Kbyte sectors in byte mode
    — Any combination of sectors can be erased
    — Supports full chip erase
■ Unlock Bypass Program Command
    — Reduces overall programming time when issuing multiple program command sequences
■ Sector protection
    — Hardware method of locking a sector to prevent any program or erase operation within that sector
    — Sectors can be locked in-system or via programming equipment
    — Temporary Sector Unprotect feature allows code changes in previously locked sectors
■ Top or bottom boot block configurations available
■ Embedded Algorithms
    — Embedded Erase algorithm automatically pre-programs and erases sectors or entire chip
    — Embedded Program algorithm automatically programs and verifies data at specified address
■ Minimum 1,000,000 program/erase cycles guaranteed per sector
■ Package options
    — 44-pin SO
    — 48-pin TSOP
    — 48-ball FBGA
■ Compatible with JEDEC standards
    — Pinout and software compatible with single-power-supply flash standard
    — Superior inadvertent write protection
■ Data# Polling and Toggle Bits
    — Provides a software method of detecting program or erase cycle completion
■ Ready/Busy# output (RY/BY#)
    — Hardware method for detecting program or erase cycle completion
■ Erase Suspend/Erase Resume
    — Suspends or resumes erasing sectors to allow reading and programming in other sectors
    — No need to suspend if sector is in the other bank
■ Hardware reset pin (RESET#)
    — Hardware method of resetting the device to reading array data




Similar Part No. - D800BB70VD

ManufacturerPart #DatasheetDescription
logo
Dubilier
D8000 DUBILIER-D8000 Datasheet
95Kb / 1P
ALKALINE
logo
United Automation Ltd. ...
D80005 UNITEDAUTOMATION-D80005 Datasheet
1Mb / 3P
24V - 30A, 40A, 60A DC Motor Controller
1 July 2025
logo
List of Unclassifed Man...
D8004 ETC2-D8004 Datasheet
45Kb / 8P
Control/Communicators
logo
Nell Semiconductor Co.,...
D800A NELLSEMI-D800A Datasheet
332Kb / 5P
Standard Recovery Diodes
D800A NELLSEMI-D800A Datasheet
730Kb / 5P
Standard Recovery Diodes
More results


Similar Description - D800BB70VD

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL400B AMD-AM29DL400B_05 Datasheet
1Mb / 47P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com