Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAM-100S105SB Datasheet (PDF) - Inventronics Inc.

EAM-100S105SB Datasheet PDF - Inventronics Inc.
Part # EAM-100S105SB
Download  EAM-100S105SB Download
File Size   546.83 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W AOC IP66/IP67 Driver with 440Vac Protection

EAM-100S105SB Datasheet (PDF)

Go To PDF Page Download Datasheet
EAM-100S105SB Datasheet PDF - Inventronics Inc.

Part # EAM-100S105SB
Download  EAM-100S105SB Click to download

File Size   546.83 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W AOC IP66/IP67 Driver with 440Vac Protection

EAM-100S105SB Datasheet (HTML) - Inventronics Inc.


EAM-100S105SB Product details

Features
 Input Over Voltage Protection at 440Vac with 48 Hours
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Potentiometer
 Non-dimming Control
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: IOVP, OVP, SCP, OTP
 IP66/IP67
 5 Years Warranty
Description
The EAM-100SxxxSB series is a 100W, constant-current, AOC LED driver that operates from 90-305Vac input
with excellent power factor. It is created for many lighting applications including high bay, tunnel and roadway
lights, etc. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, input over voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - EAM-100S105SB

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
EAM-10-000 COSEL-EAM-10-000 Datasheet
381Kb / 2P
Small, Single phase input type (1-Stage filter)
October 06, 2021
More results


Similar Description - EAM-100S105SB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-075SXXXSB INVENTRONICS-DS-EAM-075SXXXSB Datasheet
546Kb / 11P
75W A OC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-200SXXXSB INVENTRONICS-DS-EAM-200SXXXSB Datasheet
699Kb / 12P
200W AOC IP66/IP67 Driver with 440Vac Protection
Rev . B
DS-EAM-240SXXXSB INVENTRONICS-DS-EAM-240SXXXSB Datasheet
653Kb / 11P
240W AOC IP66/IP67 Driver with 440Vac Protection
Rev.A
DS-EDC-100S105SV INVENTRONICS-DS-EDC-100S105SV Datasheet
432Kb / 9P
100W Constant Current IP66/IP67 Driver
Rev.B
DS-EDC-100S105SV2 INVENTRONICS-DS-EDC-100S105SV2 Datasheet
458Kb / 8P
100W AOC IP66/IP67
Rev.B
DS-EDC-150S105SV2 INVENTRONICS-DS-EDC-150S105SV2 Datasheet
482Kb / 8P
150W AOC IP66/IP67
Rev.A
DS_EAM-150SXXXSB INVENTRONICS-DS_EAM-150SXXXSB Datasheet
619Kb / 13P
150W A OC IP66/IP67 Driver with 440Vac Protection
Rev. E
EUP-096SXXXSV INVENTRONICS-EUP-096SXXXSV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUP-320SXXXSV INVENTRONICS-EUP-320SXXXSV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com