Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBS-025S070BT2 Datasheet (PDF) - Inventronics Inc.

EBS-025S070BT2 Datasheet PDF - Inventronics Inc.
Part # EBS-025S070BT2
Download  EBS-025S070BT2 Download
File Size   673.82 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 25W Class I/II NFC Driver with DALI-2 and D4i

EBS-025S070BT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS-025S070BT2 Datasheet PDF - Inventronics Inc.

Part # EBS-025S070BT2
Download  EBS-025S070BT2 Click to download

File Size   673.82 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 25W Class I/II NFC Driver with DALI-2 and D4i

EBS-025S070BT2 Datasheet (HTML) - Inventronics Inc.


EBS-025S070BT2 Product details

Features
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with NFC
 DALI-2 and D4i Certified
 AC Dim/3-Timer-Modes Dimmable
 Dim-to-Off with Standby Power ≤ 0.5W
 Always-on Auxiliary Power:
24Vdc,125mA,3W (Transient Peak Power up to 10W)
 Integrated 16Vdc Bus Power Supply based on DALI-2
 Integrated Power Metering with High Accuracy up to ±1%
 Output Lumen Compensation
 End-of-Life Indicator
 Thermal Sensing and Protection for LED Module
 Long Lifetime Over 100K Hours at 75°C Case Temperature
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: IUVP, IOVP, OVP, SCP, OTP
 IP20 Design and Suitable for Outdoor Applications in
Luminaires with IP>54
 Suitable for Luminaires with Protection Class I and II
 Complies with Zhaga Interface Specification Book 13
 8 Years Warranty
Description
The EBS-025SxxxBT2 series is a 25W, constant-current, NFC programmable and IP20 rated LED driver that
operates from 176-305 Vac input with excellent power factor. Created for many lighting applications including
street, tunnel and low bay, etc., this family provides integrated AC power monitoring with an auxiliary voltage and
dim-to-off functionality for powering low voltage, wireless controls. The dimming control supports two-way
communication via DALI-2 and complies with D4i. The high efficiency of these drivers and better thermal design
enable them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free
operation, protection is provided against input surge, input under voltage, input over voltage, output over voltage,
short circuit, and over temperature of both the driver and the external LED array.




Similar Part No. - EBS-025S070BT2

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBS-025S070DT2 INVENTRONICS-EBS-025S070DT2 Datasheet
739Kb / 12P
EBS-025S045BT2
Rev.A
More results


Similar Description - EBS-025S070BT2

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBS-040SXXXBT2 INVENTRONICS-DS-EBS-040SXXXBT2 Datasheet
682Kb / 14P
40W Class I/II NFC Driver with DALI-2 and D4i
Rev.C
DS-EBS-040SXXXDT2 INVENTRONICS-DS-EBS-040SXXXDT2 Datasheet
748Kb / 12P
40W Class I/II Programmable IP20 Driver
Rev.E
DS-EBS-080SXXXBT2 INVENTRONICS-DS-EBS-080SXXXBT2 Datasheet
681Kb / 15P
80W Class I/II NFC Driver with DALI-2 and D4i
Rev.D
DS-EBS-120SXXXBT2 INVENTRONICS-DS-EBS-120SXXXBT2 Datasheet
679Kb / 15P
120W Class I/II NFC Driver with DALI-2 and D4i
Rev.B
DS-EBS-165SXXXBT2 INVENTRONICS-DS-EBS-165SXXXBT2 Datasheet
683Kb / 14P
165W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
ESM-240SXXXBX INVENTRONICS-ESM-240SXXXBX Datasheet
864Kb / 14P
240W NFC Driver with DALI-2 and D4i
Rev.C
ESM-320SXXXBX INVENTRONICS-ESM-320SXXXBX Datasheet
1,002Kb / 16P
320W NFC Driver with DALI-2 and D4i
Rev.B
ESM-480SXXXBG INVENTRONICS-ESM-480SXXXBG Datasheet
941Kb / 16P
480W NFC Driver with DALI-2 and D4i
Rev.B
ESM-680SXXXBG INVENTRONICS-ESM-680SXXXBG Datasheet
1Mb / 16P
680W NFC Driver with DALI-2 and D4i
Rev.B
EUD-600SXXXBV INVENTRONICS-EUD-600SXXXBV Datasheet
928Kb / 13P
600W Programmable I P67 Driver with DALI
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com