Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBS-025S070DT2 Datasheet (PDF) - Inventronics Inc.

EBS-025S070DT2 Datasheet PDF - Inventronics Inc.
Part # EBS-025S070DT2
Download  EBS-025S070DT2 Download
File Size   739.11 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description EBS-025S045BT2

EBS-025S070DT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS-025S070DT2 Datasheet PDF - Inventronics Inc.

Part # EBS-025S070DT2
Download  EBS-025S070DT2 Click to download

File Size   739.11 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description EBS-025S045BT2

EBS-025S070DT2 Datasheet (HTML) - Inventronics Inc.


EBS-025S070DT2 Product details

Features
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with NFC
 Isolated 1-10V/3-Timer-Modes Dimmable
 Output Lumen Compensation
 End-of-Life Indicator
 Long Lifetime Over 100K Hours at 75°C Case Temperature
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP20 Design and Suitable for Outdoor Applications in
Luminaires with IP>54
 SELV Output
 Suitable for Luminaires with Protection Class I and II
 Complies with Zhaga Interface Specification Book 13
 8 Years Warranty
Description
The EBS-025SxxxDT2 series is a 25W, constant-current, NFC programmable and IP20 rated LED driver that
operates from 176-305Vac input with excellent power factor. It was created for many lighting applications including
street, tunnel and low bay, etc. The high efficiency of these drivers and better thermal design enable them to run
cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EBS-025S070DT2

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBS-025S070BT2 INVENTRONICS-EBS-025S070BT2 Datasheet
673Kb / 15P
25W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
More results


Similar Description - EBS-025S070DT2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
00420300 LITTELFUSE-00420300 Datasheet
192Kb / 2P
The EBS system conforming to ISO/DIN 7638 is compulsory on all vehicles weighing over 3,5 tons
00585700 LITTELFUSE-00585700 Datasheet
194Kb / 2P
The EBS system conforming to ISO/DIN 7638 is compulsory on all vehicles weighing over 3,5 tons
00557900 LITTELFUSE-00557900 Datasheet
127Kb / 1P
EBS Coils ??24V ??HYTREL and Polyurethane ??ISO 7638-1
logo
PHOENIX CONTACT
3118135 PHOENIX-3118135 Datasheet
70Kb / 2P
EBS 10- 8
3118148 PHOENIX-3118148 Datasheet
69Kb / 2P
EBS 3- 8
3118151 PHOENIX-3118151 Datasheet
69Kb / 2P
EBS 2- 8
logo
Carlo Gavazzi Holding A...
EBS CARLOGAVAZZI-EBS Datasheet
95Kb / 2P
Timers Interval Type EBS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com