Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDC-075S105SV Datasheet (PDF) - Inventronics Inc.

EDC-075S105SV Datasheet PDF - Inventronics Inc.
Part # EDC-075S105SV
Download  EDC-075S105SV Download
File Size   545.39 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Con stant Current IP67 Driver

EDC-075S105SV Datasheet (PDF)

Go To PDF Page Download Datasheet
EDC-075S105SV Datasheet PDF - Inventronics Inc.

Part # EDC-075S105SV
Download  EDC-075S105SV Click to download

File Size   545.39 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Con stant Current IP67 Driver

EDC-075S105SV Datasheet (HTML) - Inventronics Inc.


EDC-075S105SV Product details

Features
Description
The EDC-075S105SV-000x is a 75W, constant-current, IP67 LED driver that operates from 140-305 Vac input
with excellent power factor. It is created for many lighting applications including high bay, tunnel and street lights.
The high efficiency of these drivers and compact metal case enable them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
input under voltage, input over voltage, output over voltage, short circuit, and over temperature.
 Low THD, 10% Max up to 240 Vac
 High Efficiency (Up to 90.5%)
 Input Surge Protection: DM 4kV, CM 6kV
 High Reliability & Long Lifetime: 101,000 Hrs. at 75°C
Case Temperature
 Suitable for Independent Use and Class I Luminaires
 IUVP & IOVP
 IP67
 5 Years Warranty




Similar Part No. - EDC-075S105SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EDC-060S105STM INVENTRONICS-EDC-060S105STM Datasheet
241Kb / 7P
60W C onstant Current IP66 Driver
Rev. A
EDC-060S105STM0004 INVENTRONICS-EDC-060S105STM0004 Datasheet
241Kb / 7P
60W C onstant Current IP66 Driver
Rev. A
EDC-060S105STM0007 INVENTRONICS-EDC-060S105STM0007 Datasheet
241Kb / 7P
60W C onstant Current IP66 Driver
Rev. A
EDC-060S105STM000X INVENTRONICS-EDC-060S105STM000X Datasheet
241Kb / 7P
60W C onstant Current IP66 Driver
Rev. A
More results


Similar Description - EDC-075S105SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUK-075SXXXDVTV INVENTRONICS-EUK-075SXXXDVTV Datasheet
801Kb / 13P
75W Programmable IP67 Driver
Rev. D
EUK-075SXXXDT INVENTRONICS-EUK-075SXXXDT Datasheet
1Mb / 13P
75W Programmable IP67 Driver
Rev. C
EBC-075SXXXSV-000X INVENTRONICS-EBC-075SXXXSV-000X Datasheet
199Kb / 8P
75W Constant Current IP67 Driver
Rev. D
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
EUC-036SXXXDT INVENTRONICS-EUC-036SXXXDT Datasheet
995Kb / 10P
36W Con stant Current IP67 Driver
Rev. L
EUC-075S070DD INVENTRONICS-EUC-075S070DD Datasheet
870Kb / 9P
75W Class II Constant Current IP67 Driver
Rev. E
EUC-075S070DVY INVENTRONICS-EUC-075S070DVY Datasheet
586Kb / 9P
75W Constant Current IP67 Driver for Extreme Cold
Rev. B
EUC-075SXXXDT INVENTRONICS-EUC-075SXXXDT Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com