Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2052 Datasheet (PDF) - NXP Semiconductors

MB2052 Datasheet PDF - NXP Semiconductors
Part # MB2052
Download  MB2052 Download
File Size   105.1 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual octal registered transceiver 3-State

MB2052 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2052 Datasheet PDF - NXP Semiconductors

Part # MB2052
Download  MB2052 Click to download

File Size   105.1 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual octal registered transceiver 3-State

MB2052 Datasheet (HTML) - NXP Semiconductors


MB2052 Product details

DESCRIPTION
The MB2052 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• Two 8-bit registered transceivers
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Multiple VCC and GND pins minimize switching noise
• Independent registers for A and B buses
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - MB2052

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB205 SECOS-MB205 Datasheet
248Kb / 2P
Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
MB205 SECOS-MB205 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205_15 SECOS-MB205_15_07 Datasheet
248Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers Diodes
More results


Similar Description - MB2052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
Octal registered transceiver 3-State
1998 Feb 11
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
Octal registered transceiver, inverting 3-State
1995 Sep 06
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
Octal registered transceiver, non-inverting 3-State
1994 Dec 5
74LVC543A PHILIPS-74LVC543A Datasheet
104Kb / 12P
Octal D-type registered transceiver 3-State
1998 Jul 31
74LVT2952 PHILIPS-74LVT2952 Datasheet
102Kb / 12P
3.3V LVT octal registered transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com