Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT2953 Datasheet (PDF) - NXP Semiconductors

74ABT2953 Datasheet PDF - NXP Semiconductors
Part # 74ABT2953
Download  74ABT2953 Download
File Size   73.87 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal registered transceiver, inverting 3-State

74ABT2953 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT2953 Datasheet PDF - NXP Semiconductors

Part # 74ABT2953
Download  74ABT2953 Click to download

File Size   73.87 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal registered transceiver, inverting 3-State

74ABT2953 Datasheet (HTML) - NXP Semiconductors


74ABT2953 Product details

DESCRIPTION

The 74ABT2953 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.



FEATURES

•8-bit registered transceiver

•Independent registers for A and B buses

•Output capability: +64mA/–32mA

•Latch-up protection exceeds 500mA per Jedec Std 17

•ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model

•Live insertion/extraction permitted

•Power-up 3-State

•Power-up reset




Similar Part No. - 74ABT2953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
Octal registered transceiver 3-State
1998 Feb 11
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
Octal Registered Transceiver
74ABT2952CMSA FAIRCHILD-74ABT2952CMSA Datasheet
93Kb / 8P
Octal Registered Transceiver
74ABT2952CMTC FAIRCHILD-74ABT2952CMTC Datasheet
93Kb / 8P
Octal Registered Transceiver
74ABT2952CSC FAIRCHILD-74ABT2952CSC Datasheet
93Kb / 8P
Octal Registered Transceiver
More results


Similar Description - 74ABT2953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
Octal registered transceiver 3-State
1998 Feb 11
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
Octal transceiver/register, inverting 3-State
1998 Jun 08
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
Registered transceiver, non-inverting 3-State
1989 Sep 22
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
Octal registered transceiver, non-inverting 3-State
1994 Dec 5
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
Octal bus transceiver; 3-state; inverting
March 1988
74LVC544A PHILIPS-74LVC544A Datasheet
90Kb / 10P
Octal D-type registered transceiver, inverting 3-State
1998 Jul 29
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
Dual octal registered transceiver 3-State
August 23, 1993
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
Octal 3-State Inverting Bus Transceiver
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com