Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC544A Datasheet (PDF) - NXP Semiconductors

74LVC544A Datasheet PDF - NXP Semiconductors
Part # 74LVC544A
Download  74LVC544A Download
File Size   90.0 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type registered transceiver, inverting 3-State

74LVC544A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC544A Datasheet PDF - NXP Semiconductors

Part # 74LVC544A
Download  74LVC544A Click to download

File Size   90.0 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type registered transceiver, inverting 3-State

74LVC544A Datasheet (HTML) - NXP Semiconductors


74LVC544A Product details

DESCRIPTION
The 74LVC544A is a high performance, low-power, low-voltage Si-gate CMOS device and superior to most advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3V or 5.0V devices. In 3-State operation, outputs can handle 5V. This feature allows the use of these devices as translators in a mixed 3.3V/5V environment.

FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• In accordance with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• Combines 74LVC640 and 74LVC533 type functions in one chip
• Octal transceiver with D-type latch
• Back-to-back registers for storage
• Separate controls for data flow in each direction
• 3-State inverting outputs for bus oriented applications
• 5 Volt tolerant inputs/outputs, for interfacing with 5 Volt logic




Similar Part No. - 74LVC544A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
logo
Diodes Incorporated
74LVC540A DIODES-74LVC540A Datasheet
468Kb / 10P
OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
Rev 1
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
105Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
106Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
105Kb / 9P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
More results


Similar Description - 74LVC544A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
Octal registered transceiver 3-State
1998 Feb 11
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
Octal registered transceiver, inverting 3-State
1995 Sep 06
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
Octal transceiver/register, inverting 3-State
1998 Jun 08
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
Registered transceiver, non-inverting 3-State
1989 Sep 22
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
Octal registered transceiver, non-inverting 3-State
1994 Dec 5
74LVC543A PHILIPS-74LVC543A Datasheet
104Kb / 12P
Octal D-type registered transceiver 3-State
1998 Jul 31
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
Dual octal registered transceiver 3-State
August 23, 1993
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
Octal 3-State Inverting Bus Transceiver
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com