Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH292L-PLA Datasheet (PDF) - Anachip Corp

AH292L-PLA Datasheet PDF - Anachip Corp
Part # AH292L-PLA
Download  AH292L-PLA Download
File Size   183.03 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Low Voltage Hall-Effect Smart Fan Motor Controller

AH292L-PLA Datasheet (PDF)

Go To PDF Page Download Datasheet
AH292L-PLA Datasheet PDF - Anachip Corp

Part # AH292L-PLA
Download  AH292L-PLA Click to download

File Size   183.03 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Low Voltage Hall-Effect Smart Fan Motor Controller

AH292L-PLA Datasheet (HTML) - Anachip Corp


AH292L-PLA Product details

■ General Description
AH292 is a monolithic fan motor controller with Hall sensor’s capability. It contains two complementary open-collector transistors for motor’s coil driving, automatic lock current shutdown, and recovery protections. Besides, frequency generator (FG) output is for speed detection relatively.
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if the rotor is blocked and then the automatic recovery circuit will try to restart the motor. These protecting actions are repeated and periodic during the blocked period. Until the blocking is removed, the motor recovers running normally.

■ Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Frequency generator (FG) output
- Buil t-in Zener protection for output driver
- Operating voltage: 1.8V~5.75 V
- Output current: IO(AVE) = 400 mA
- Package: SIP-5L, SOT23-5L, SOT89-5L




Similar Part No. - AH292L-PLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH292 ETC-AH292 Datasheet
272Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH292 DIODES-AH292 Datasheet
162Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH292 Rev. 3
AH292 DIODES-AH292 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 7
AH292-Y DIODES-AH292-Y Datasheet
162Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH292 Rev. 3
AH292-YG-13 DIODES-AH292-YG-13 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 7
More results


Similar Description - AH292L-PLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH291 ETC-AH291 Datasheet
269Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
AH292 ETC-AH292 Datasheet
272Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH293 ANACHIP-AH293 Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH291 DIODES-AH291 Datasheet
183Kb / 10P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH291 Rev. 3
AH292 DIODES-AH292 Datasheet
162Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH292 Rev. 3
AH293 DIODES-AH293 Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
logo
Anachip Corp
AH291 ANACHIP-AH291 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com