Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1995512 Datasheet (PDF) - PHOENIX CONTACT

1995512 Datasheet PDF - PHOENIX CONTACT
Part # 1995512
Download  1995512 Download
File Size   244.0 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-5,08- 5 - PCB terminal block

1995512 Datasheet (PDF)

Go To PDF Page Download Datasheet
1995512 Datasheet PDF - PHOENIX CONTACT

Part # 1995512
Download  1995512 Click to download

File Size   244.0 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-5,08- 5 - PCB terminal block

1995512 Datasheet (HTML) - PHOENIX CONTACT


1995512 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5, product range:
ZFKDS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Angled connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1995512

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1995509 PHOENIX-1995509 Datasheet
42Kb / 2P
PCB terminal block - ZFKDSA 1,5C-6,0 BN
1995525 PHOENIX-1995525 Datasheet
81Kb / 4P
Pin strip - PST 1,0/ 4-3,5 R24
1995538 PHOENIX-1995538 Datasheet
93Kb / 4P
Pin strip - PST 1,0/ 7-3,5 R56
1995541 PHOENIX-1995541 Datasheet
93Kb / 4P
Pin strip - PST 1,0/ 9-3,5 R56
More results


Similar Description - 1995512

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753802 PHOENIX-1753802 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 5
1891250 PHOENIX-1891250 Datasheet
91Kb / 3P
PCB terminal block - ZFKDSA 1,5-5,08- 8
1891496 PHOENIX-1891496 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 4
09/12/2020
1891519 PHOENIX-1891519 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 2
09/12/2020
1905971 PHOENIX-1905971 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 6
09/12/2020
1905984 PHOENIX-1905984 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08-12
09/12/2020
1906213 PHOENIX-1906213 Datasheet
243Kb / 8P
ZFKDSA 1,5-5,08- 7 - PCB terminal block
1891247 PHOENIX-1891247 Datasheet
240Kb / 8P
ZFKDSA 1,5-5,08-18 - PCB terminal block
1931123 PHOENIX-1931123 Datasheet
239Kb / 8P
ZFKDSA 1,5-5,08-24 - PCB terminal block
1906226 PHOENIX-1906226 Datasheet
242Kb / 8P
ZFKDSA 1,5-5,08-10 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com