Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1891247 Datasheet (PDF) - PHOENIX CONTACT

1891247 Datasheet PDF - PHOENIX CONTACT
Part # 1891247
Download  1891247 Download
File Size   240.92 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-5,08-18 - PCB terminal block

1891247 Datasheet (PDF)

Go To PDF Page Download Datasheet
1891247 Datasheet PDF - PHOENIX CONTACT

Part # 1891247
Download  1891247 Click to download

File Size   240.92 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-5,08-18 - PCB terminal block

1891247 Datasheet (HTML) - PHOENIX CONTACT


1891247 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 18, number of rows: 1, number of positions per row: 18, product
range: ZFKDS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Angled connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1891247

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
189124-7 TEC-189124-7 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
189124-7 TEC-189124-7 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
189124-7 TEC-189124-7 Datasheet
4Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT.
189124-7 TEC-189124-7 Datasheet
5Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
logo
Weidmuller
1891240000 WEIDMULLER-1891240000 Datasheet
390Kb / 4P
SLD 3.50V/26/180G 3.2SN OR BX
More results


Similar Description - 1891247

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1890743 PHOENIX-1890743 Datasheet
97Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 2
1891250 PHOENIX-1891250 Datasheet
91Kb / 3P
PCB terminal block - ZFKDSA 1,5-5,08- 8
1891496 PHOENIX-1891496 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 4
09/12/2020
1891519 PHOENIX-1891519 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 2
09/12/2020
1905971 PHOENIX-1905971 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 6
09/12/2020
1905984 PHOENIX-1905984 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08-12
09/12/2020
1906213 PHOENIX-1906213 Datasheet
243Kb / 8P
ZFKDSA 1,5-5,08- 7 - PCB terminal block
1995512 PHOENIX-1995512 Datasheet
244Kb / 8P
ZFKDSA 1,5-5,08- 5 - PCB terminal block
1931123 PHOENIX-1931123 Datasheet
239Kb / 8P
ZFKDSA 1,5-5,08-24 - PCB terminal block
1906226 PHOENIX-1906226 Datasheet
242Kb / 8P
ZFKDSA 1,5-5,08-10 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com