Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-1K2SXXXMGS Datasheet (PDF) - Inventronics Inc.

ESM-1K2SXXXMGS Datasheet PDF - Inventronics Inc.
Part # ESM-1K2SXXXMGS
Download  ESM-1K2SXXXMGS Download
File Size   827.5 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1200W Programmable Driver with INV Digital Dimming

ESM-1K2SXXXMGS Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-1K2SXXXMGS Datasheet PDF - Inventronics Inc.

Part # ESM-1K2SXXXMGS
Download  ESM-1K2SXXXMGS Click to download

File Size   827.5 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1200W Programmable Driver with INV Digital Dimming

ESM-1K2SXXXMGS Datasheet (HTML) - Inventronics Inc.


ESM-1K2SXXXMGS Product details

Features
 Panel mount connectors facilitates installation
 Brackets accommodates variety of hanging applications
 Ultra High Efficiency (Up to 96.0%)
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 0-10V/PWM/3-Timer-Modes Dimmable
 INV Digital Dimming, UART Based Communication Protocol
 Dim-to-Off with Low Standby Power
 Minimum Dimming Level with 5% or 10% Selectable
 Maximum Dimming Level with 9V or 10V Selectable
 Fade Time Adjustable
 Always-on Auxiliary Power: 12Vdc, 250mA
 Low inrush current
 Output Lumen Compensation
 End-of-Life Indicator
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: IUVP, IOVP, OVP, SCP, OTP
 IP66 / IP67 and UL Dry / Damp / Wet Location
 TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
 5 Years Warranty
Description
The ESM-1K2SxxxMGS series is a 1200W, constant-current, programmable and IP66/IP67 rated LED driver that
operates from 249-528Vac input with excellent power factor. Created for many lighting applications including high
mast, sports, UV-LED, aquaculture and horticulture etc. It provides an auxiliary voltage and dim-to-off functionality
for powering low voltage, wireless controls. The dimming control supports 0-10V dimming as well as two-way
communication via Digital Dimming, a UART based communication protocol. The high efficiency of these drivers
and compact metal case enables them to run cooler, significantly improving reliability and extending product life.
To ensure trouble-free operation, protection is provided against input surge, input under voltage, input over voltage,
output over voltage, short circuit, and over temperature.




Similar Part No. - ESM-1K2SXXXMGS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-1K2SXXXMX INVENTRONICS-ESM-1K2SXXXMX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
More results


Similar Description - ESM-1K2SXXXMGS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBM-1K2SXXXMG INVENTRONICS-DS-EBM-1K2SXXXMG Datasheet
827Kb / 13P
1200W Programmable Driver with INV Digital Dimming
Rev.F
ESM-1K2SXXXMX INVENTRONICS-ESM-1K2SXXXMX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2TXXXMX INVENTRONICS-ESM-1K2TXXXMX Datasheet
805Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.A
ESM-240SXXXMX INVENTRONICS-ESM-240SXXXMX Datasheet
720Kb / 15P
240W Programmable Driver with INV Digital Dimming
Rev.F
ESM-480SXXXMX INVENTRONICS-ESM-480SXXXMX Datasheet
1Mb / 20P
480W Programmable Driver with INV Digital Dimming
Rev.A
ESM-680SXXXMGS INVENTRONICS-ESM-680SXXXMGS Datasheet
1Mb / 17P
680W Programmable Driver with INV Digital Dimming
Rev.B
ESM-680SXXXMX INVENTRONICS-ESM-680SXXXMX Datasheet
1Mb / 19P
680W Programmable Driver with INV Digital Dimming
Rev.F
SSM-1K0SXXXMGR INVENTRONICS-SSM-1K0SXXXMGR Datasheet
2Mb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SUM-760SXXXMGR INVENTRONICS-SUM-760SXXXMGR Datasheet
1Mb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
SUM-760SXXXMX INVENTRONICS-SUM-760SXXXMX Datasheet
968Kb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com