Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-1K2TXXXMX Datasheet (PDF) - Inventronics Inc.

ESM-1K2TXXXMX Datasheet PDF - Inventronics Inc.
Part # ESM-1K2TXXXMX
Download  ESM-1K2TXXXMX Download
File Size   805.44 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1200W Programmable Driver with INV Digital Dimming

ESM-1K2TXXXMX Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-1K2TXXXMX Datasheet PDF - Inventronics Inc.

Part # ESM-1K2TXXXMX
Download  ESM-1K2TXXXMX Click to download

File Size   805.44 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 1200W Programmable Driver with INV Digital Dimming

ESM-1K2TXXXMX Datasheet (HTML) - Inventronics Inc.


ESM-1K2TXXXMX Product details

Features
 Independent Three Output Channels
 Independent Three Dimming Channels
 135W Channel Power Transfer (Optional)
 Hot-plugging Protection
 LED Parallel Protection
 Ultra High Efficiency (Up to 95%)
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC)with Programmability
 Isolated 0-10V/PWM/Resistor/3-Timer-Modes Dimmable
 INV Digital Dimming, UART Based Communication Protocol
 Dim-to-Off
 Maximum Dimming Level with 9V or 10V Selectable
 Always-on Auxiliary Power: 12Vdc, 250mA
 Low Inrush Current
 Output Lumen Compensation
 End-of-Life Indicator
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: IOVP, IUVP, OVP, SCP, OTP
 IP66/IP67 and UL Dry/Damp/Wet Location
 TYPE HL, for use in a Class I, Division 2 Hazardous (Classified)
Location
 5 Years Warranty
Description
The ESM-1K2TxxxMx series is a 1200W, 3-channel, constant-current, programmable and IP66/IP67 rated LED
driver that operates from 249-528Vac input with excellent power factor. This driver can support 3-channel
luminaires to adjust current separately. It provides an auxiliary voltage and dim-to-off functionality for powering low
voltage, wireless controls. The dimming control supports 0-10V dimming as well as two-way communication via
Digital Dimming, a UART based communication protocol. The high efficiency of these drivers and compact metal
case enables them to run cooler, significantly improving reliability and extending product life. To ensure troublefree
operation, protection is provided against input surge, input under voltage, input over voltage, output over
voltage, short circuit, and over temperature.




Similar Part No. - ESM-1K2TXXXMX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-1K2S350MGS INVENTRONICS-ESM-1K2S350MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S350MX INVENTRONICS-ESM-1K2S350MX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S525MGS INVENTRONICS-ESM-1K2S525MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S525MX INVENTRONICS-ESM-1K2S525MX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2S740MGS INVENTRONICS-ESM-1K2S740MGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
More results


Similar Description - ESM-1K2TXXXMX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBM-1K2SXXXMG INVENTRONICS-DS-EBM-1K2SXXXMG Datasheet
827Kb / 13P
1200W Programmable Driver with INV Digital Dimming
Rev.F
ESM-1K2SXXXMGS INVENTRONICS-ESM-1K2SXXXMGS Datasheet
827Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2SXXXMX INVENTRONICS-ESM-1K2SXXXMX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-240SXXXMX INVENTRONICS-ESM-240SXXXMX Datasheet
720Kb / 15P
240W Programmable Driver with INV Digital Dimming
Rev.F
ESM-480SXXXMX INVENTRONICS-ESM-480SXXXMX Datasheet
1Mb / 20P
480W Programmable Driver with INV Digital Dimming
Rev.A
ESM-680SXXXMGS INVENTRONICS-ESM-680SXXXMGS Datasheet
1Mb / 17P
680W Programmable Driver with INV Digital Dimming
Rev.B
ESM-680SXXXMX INVENTRONICS-ESM-680SXXXMX Datasheet
1Mb / 19P
680W Programmable Driver with INV Digital Dimming
Rev.F
SSM-1K0SXXXMGR INVENTRONICS-SSM-1K0SXXXMGR Datasheet
2Mb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SUM-760SXXXMGR INVENTRONICS-SUM-760SXXXMGR Datasheet
1Mb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
SUM-760SXXXMX INVENTRONICS-SUM-760SXXXMX Datasheet
968Kb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com