Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-026SXXXSVM Datasheet (PDF) - Inventronics Inc.

EUC-026SXXXSVM Datasheet PDF - Inventronics Inc.
Part # EUC-026SXXXSVM
Download  EUC-026SXXXSVM Download
File Size   473.93 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 26W Constant Current IP67 Driver

EUC-026SXXXSVM Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-026SXXXSVM Datasheet PDF - Inventronics Inc.

Part # EUC-026SXXXSVM
Download  EUC-026SXXXSVM Click to download

File Size   473.93 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 26W Constant Current IP67 Driver

EUC-026SXXXSVM Datasheet (HTML) - Inventronics Inc.


EUC-026SXXXSVM Product details

Features
 Low THD, 10% Max up to 240 Vac
 Compact Metal Case with Excellent Thermal
Performance
 Input Surge Protection: DM 4kV, CM 6kV
 High Reliability & Long Lifetime: 84,000 Hrs. at 70C
Case Temperature
 Input UVP
 IP67
 SELV Output
 5 Year Warranty

Description
The EUC-026SxxxSVM000x series is a 26W, constant-current IP67 LED driver that operates from 90-305 Vac
input with excellent power factor and THD feature. It is created for many lighting applications including low bay,
tunnel and street, etc. The high efficiency of these drivers and compact metal case enable them to run cooler,
significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, input under voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - EUC-026SXXXSVM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
More results


Similar Description - EUC-026SXXXSVM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
LUC-026SXXXDSF INVENTRONICS-LUC-026SXXXDSF Datasheet
325Kb / 8P
26W Constant Current Indoor Driver
Rev. A
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
EUC-026SXXXDS INVENTRONICS-EUC-026SXXXDS Datasheet
689Kb / 11P
26W Constant Current IP66 Driver
Rev. N
EUC-026SXXXDSC INVENTRONICS-EUC-026SXXXDSC Datasheet
349Kb / 8P
26W Constant Current IP66 Driver
Rev. C
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
60W Constant Current IP67 Driver
Rev. M
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-096SXXXDV INVENTRONICS-EUC-096SXXXDV Datasheet
993Kb / 9P
96W Constant Current IP67 Driver
Rev. O
EUC-320SXXXDT INVENTRONICS-EUC-320SXXXDT Datasheet
1Mb / 13P
320W Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com