Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-026SXXXDS Datasheet (PDF) - Inventronics Inc.

EUC-026SXXXDS Datasheet PDF - Inventronics Inc.
Part # EUC-026SXXXDS
Download  EUC-026SXXXDS Download
File Size   689.15 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 26W Constant Current IP66 Driver

EUC-026SXXXDS Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-026SXXXDS Datasheet PDF - Inventronics Inc.

Part # EUC-026SXXXDS
Download  EUC-026SXXXDS Click to download

File Size   689.15 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 26W Constant Current IP66 Driver

EUC-026SXXXDS Datasheet (HTML) - Inventronics Inc.


EUC-026SXXXDS Product details

Features
High Efficiency (Up to 86%)
Second Generation with Improved Performance
Active Power Factor Correction (Typical 0.95)
Constant Output Current
IP66 and UL Damp Location
Dimming Control
All-Around Protection: OVP, SCP, OLP
Class 2 and SELV
UL Type TL (Temperature Limited)

Description
The EUC-026SxxxDS(PS) series operates from a 90 ~ 305 Vac input range. They are designed to be highly efficient and highly reliable. Features include over voltage protection, short circuit protection and over load protection.




Similar Part No. - EUC-026SXXXDS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXDSC INVENTRONICS-EUC-026SXXXDSC Datasheet
349Kb / 8P
26W Constant Current IP66 Driver
Rev. C
More results


Similar Description - EUC-026SXXXDS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
EUC-026SXXXSVM INVENTRONICS-EUC-026SXXXSVM Datasheet
473Kb / 9P
26W Constant Current IP67 Driver
Rev. F
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LTC-040SXXXDSP INVENTRONICS-LTC-040SXXXDSP Datasheet
336Kb / 9P
40W Constant Current IP66 Driver
Rev. C
LUC-026SXXXDSF INVENTRONICS-LUC-026SXXXDSF Datasheet
325Kb / 8P
26W Constant Current Indoor Driver
Rev. A
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
EUC-026SXXXDSC INVENTRONICS-EUC-026SXXXDSC Datasheet
349Kb / 8P
26W Constant Current IP66 Driver
Rev. C
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com