Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-048SXXXDSP Datasheet (PDF) - Inventronics Inc.

LUC-048SXXXDSP Datasheet PDF - Inventronics Inc.
Part # LUC-048SXXXDSP
Download  LUC-048SXXXDSP Download
File Size   934.51 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 48W Constant Current IP66 Driver

LUC-048SXXXDSP Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-048SXXXDSP Datasheet PDF - Inventronics Inc.

Part # LUC-048SXXXDSP
Download  LUC-048SXXXDSP Click to download

File Size   934.51 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 48W Constant Current IP66 Driver

LUC-048SXXXDSP Datasheet (HTML) - Inventronics Inc.


LUC-048SXXXDSP Product details

Features
High Efficiency (Up to 89.5%)
Constant Output Current
0-10V Dimmable
All-Around Protection: OVP, SCP ,OTP
Waterproof (IP66) Dry & Damp Location
Class 2 & SELV Output
Suitable for Built-in Use

Description
The LUC-048SxxxDSP(SSP) series is a 48W, constant-current IP66 LED driver that operates from 90-305 Vacinput with excellent power factor. They are created for many lighting applications including down and panel, etc. The high efficiency of these drivers enables them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against output over voltage, short circuit and over temperature.




Similar Part No. - LUC-048SXXXDSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-040S053DSF INVENTRONICS-LUC-040S053DSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUC-040S070DSF INVENTRONICS-LUC-040S070DSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
LUC-040S105DSF INVENTRONICS-LUC-040S105DSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
LUC-040SXXXDSF INVENTRONICS-LUC-040SXXXDSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
More results


Similar Description - LUC-048SXXXDSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
EUC-030SXXXDTM INVENTRONICS-EUC-030SXXXDTM Datasheet
821Kb / 9P
30W Constant Current IP66 Driver
Rev. A
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LTC-040SXXXDSP INVENTRONICS-LTC-040SXXXDSP Datasheet
336Kb / 9P
40W Constant Current IP66 Driver
Rev. C
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
EUC-025SXXXDS INVENTRONICS-EUC-025SXXXDS Datasheet
866Kb / 8P
96W Constant Current IP66 Driver
Rev. L
EUC-026SXXXDSC INVENTRONICS-EUC-026SXXXDSC Datasheet
349Kb / 8P
26W Constant Current IP66 Driver
Rev. C
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDS INVENTRONICS-EUC-042SXXXDS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com