Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-040S053DSF Datasheet (PDF) - Inventronics Inc.

LUC-040S053DSF Datasheet PDF - Inventronics Inc.
Part # LUC-040S053DSF
Download  LUC-040S053DSF Download
File Size   924.45 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current Indoor Driver

LUC-040S053DSF Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-040S053DSF Datasheet PDF - Inventronics Inc.

Part # LUC-040S053DSF
Download  LUC-040S053DSF Click to download

File Size   924.45 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current Indoor Driver

LUC-040S053DSF Datasheet (HTML) - Inventronics Inc.


LUC-040S053DSF Product details

Features
High Efficiency (Up to 87.5%)
Constant Current Output
0-10V Dimmable with High Accuracy
5% Minimum Dimming Level
Low Ripple
All-Around Protection: OVP, SCP, OTP
Class 2 & SELV Output
Double & Reinforced Insulation
5 Years Warranty
Description
The LUC-040SxxxDSF series is a 40W, constant-current, indoor LED driver that operates from 90-305 Vac
input with extra low ripple. It is created for many lighting applications including panel and linear, etc, it provides
good dimming accuracy down to 5% output. The high efficiency of these drivers and slim metal case enable
them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against over voltage, short circuit, and over temperature.




Similar Part No. - LUC-040S053DSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
More results


Similar Description - LUC-040S053DSF

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA40JUD Vitec-ILPA40JUD Datasheet
365Kb / 2P
40W Dimmable Water-Proof Constant Current LED Driver
logo
Mean Well Enterprises C...
LCM-40KN MEANWELL-LCM-40KN Datasheet
639Kb / 9P
40W Multiple-Stage Constant Current Mode LED Driver
LCM-40IOT MEANWELL-LCM-40IOT Datasheet
1Mb / 9P
40W Wireless Lighting Constant Current LED Driver Solution
logo
Inventronics Inc.
LUR-040SXXXST INVENTRONICS-LUR-040SXXXST Datasheet
333Kb / 9P
40W Constant Current IP54 Driver
Rev. A
LHC-024SXXXRSP INVENTRONICS-LHC-024SXXXRSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LLC-040SXXXRSP INVENTRONICS-LLC-040SXXXRSP Datasheet
220Kb / 8P
40W Constant Current IP20 Driver
Rev. C
LTC-040SXXXDSP INVENTRONICS-LTC-040SXXXDSP Datasheet
336Kb / 9P
40W Constant Current IP66 Driver
Rev. C
LUC-026SXXXDSF INVENTRONICS-LUC-026SXXXDSF Datasheet
325Kb / 8P
26W Constant Current Indoor Driver
Rev. A
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUC-052SXXXDSF INVENTRONICS-LUC-052SXXXDSF Datasheet
954Kb / 8P
52W Constant Current Indoor Driver
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com