Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUR-040SXXXST Datasheet (PDF) - Inventronics Inc.

LUR-040SXXXST Datasheet PDF - Inventronics Inc.
Part # LUR-040SXXXST
Download  LUR-040SXXXST Download
File Size   333.18 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current IP54 Driver

LUR-040SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
LUR-040SXXXST Datasheet PDF - Inventronics Inc.

Part # LUR-040SXXXST
Download  LUR-040SXXXST Click to download

File Size   333.18 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current IP54 Driver

LUR-040SXXXST Datasheet (HTML) - Inventronics Inc.


LUR-040SXXXST Product details

Features
• Flicker-free
• Full power at Wide Output Current Range (Constant
power)
• Adjustable Output Current (AOC) with Potentiometer
• Non-dimming control
• Input Surge Protection: DM 4kV, CM 6kV
• High Reliability & Long Lifetime: 116,000 hrs. at 70°C
Case Temperature
• Suitable for Built-in Use and Class I Luminaires
• IP54 and UL Dry / Damp Location
• Class 2 & SELV Output
• 5 Year Warranty
Description
The LUR-040SxxxST is a 40W, constant-power, IP54, AOC LED driver that operates from 90-305Vac input with
excellent power factor. Created for many lighting applications including explosion-proof, low bay, etc. The high
efficiency of these drivers enables them to run cooler, significantly improving reliability and extending product
life. To ensure trouble-free operation, protection is provided against input surge, output over voltage, short
circuit, and over temperature.




Similar Part No. - LUR-040SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUR-060S105ST INVENTRONICS-LUR-060S105ST Datasheet
354Kb / 8P
60W Constant Current IP54 Driver
Rev. A
LUR-060S150ST INVENTRONICS-LUR-060S150ST Datasheet
354Kb / 8P
60W Constant Current IP54 Driver
Rev. A
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
60W Constant Current IP54 Driver
Rev. A
More results


Similar Description - LUR-040SXXXST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA40JUD-SERIES Vitec-ILPA40JUD-SERIES Datasheet
365Kb / 2P
40W Dimmable Water-Proof Constant Current LED Driver
ILPA40JUD Vitec-ILPA40JUD Datasheet
365Kb / 2P
40W Dimmable Water-Proof Constant Current LED Driver
logo
Mean Well Enterprises C...
LCM-40BLE MEANWELL-LCM-40BLE Datasheet
832Kb / 8P
40W Multiple-Stage Constant Current Mode LED Driver
LCM-40KN MEANWELL-LCM-40KN Datasheet
639Kb / 9P
40W Multiple-Stage Constant Current Mode LED Driver
LCM-40IOT MEANWELL-LCM-40IOT Datasheet
1Mb / 9P
40W Wireless Lighting Constant Current LED Driver Solution
logo
Inventronics Inc.
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
60W Constant Current IP54 Driver
Rev. A
LLC-040SXXXRSP INVENTRONICS-LLC-040SXXXRSP Datasheet
220Kb / 8P
40W Constant Current IP20 Driver
Rev. C
LTC-040SXXXDSP INVENTRONICS-LTC-040SXXXDSP Datasheet
336Kb / 9P
40W Constant Current IP66 Driver
Rev. C
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUC-040SXXXDSF INVENTRONICS-LUC-040SXXXDSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com