Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-040S060RSP Datasheet (PDF) - Inventronics Inc.

LUC-040S060RSP Datasheet PDF - Inventronics Inc.
Part # LUC-040S060RSP
Download  LUC-040S060RSP Download
File Size   227.09 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current IP20 Driver

LUC-040S060RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-040S060RSP Datasheet PDF - Inventronics Inc.

Part # LUC-040S060RSP
Download  LUC-040S060RSP Click to download

File Size   227.09 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Constant Current IP20 Driver

LUC-040S060RSP Datasheet (HTML) - Inventronics Inc.


LUC-040S060RSP Product details

Features
Trailing Edge AC Dimmable
Constant Current Output
High Efficiency (Up to 86%)
Active Power Factor Correction (Up to 0.95)
All-Around Protection: OVP, SCP and OLP

Description
The LUC-040S060RSP series operates from a 90 ~ 305 Vac input range. It is designed to be highly
efficient and reliable. Features include dimming control with trailing edge, open lamp, short circuit
protections.




Similar Part No. - LUC-040S060RSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-040S053DSF INVENTRONICS-LUC-040S053DSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
LUC-040S070DSF INVENTRONICS-LUC-040S070DSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
More results


Similar Description - LUC-040S060RSP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LUC-024SXXXDSP ETC-LUC-024SXXXDSP Datasheet
476Kb / 10P
24W Constant Current IP20 Driver
Rev. G
logo
Inventronics Inc.
LUC-012SXXXDSMSSM INVENTRONICS-LUC-012SXXXDSMSSM Datasheet
454Kb / 9P
12W Constant Current IP20 Driver
Rev. L
LUC-024SXXXDSPSSP INVENTRONICS-LUC-024SXXXDSPSSP Datasheet
529Kb / 11P
24W Constant Current IP20 Driver
Rev. J
LLC-012SXXXRSP INVENTRONICS-LLC-012SXXXRSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-040SXXXRSP INVENTRONICS-LLC-040SXXXRSP Datasheet
220Kb / 8P
40W Constant Current IP20 Driver
Rev. C
LUC-010SXXXDSM INVENTRONICS-LUC-010SXXXDSM Datasheet
337Kb / 10P
10W Constant Current IP20 Driver
Rev. K
LUC-040SXXXDSF INVENTRONICS-LUC-040SXXXDSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
LWC-018SXXXSSP INVENTRONICS-LWC-018SXXXSSP Datasheet
820Kb / 8P
18W Constant Current IP20 Driver
Rev. J
LWC-024SXXXSSE INVENTRONICS-LWC-024SXXXSSE Datasheet
188Kb / 8P
24W Constant Current IP20 Driver
Rev. L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com