Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUR-060S150ST Datasheet (PDF) - Inventronics Inc.

LUR-060S150ST Datasheet PDF - Inventronics Inc.
Part # LUR-060S150ST
Download  LUR-060S150ST Download
File Size   354.56 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Constant Current IP54 Driver

LUR-060S150ST Datasheet (PDF)

Go To PDF Page Download Datasheet
LUR-060S150ST Datasheet PDF - Inventronics Inc.

Part # LUR-060S150ST
Download  LUR-060S150ST Click to download

File Size   354.56 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Constant Current IP54 Driver

LUR-060S150ST Datasheet (HTML) - Inventronics Inc.


LUR-060S150ST Product details

Features
• Flicker-free
• Full Power at Wide Output Current Range (Constant
power)
• Adjustable Output Current (AOC) with Potentiometer
• Non-dimming Control
• Input Surge Protection: DM 4kV, CM 6kV
• High Reliability & Long Lifetime: 94,000 hrs. at 70°C
Case Temperature
• Suitable for Built-in Use and Class I Luminaires
• IP54 and UL Dry / Damp Location
• Class 2 & SELV Output
• 5 Year Warranty

Description
The LUR-060SxxxST is a 60W, constant-power, IP54, AOC LED driver that operates from 90-305Vac input with
excellent power factor. Created for many lighting applications including explosion-proof, low bay, etc. The high
efficiency of these drivers enables them to run cooler, significantly improving reliability and extending product
life. To ensure trouble-free operation, protection is provided against input surge, output over voltage, short
circuit, and over temperature.




Similar Part No. - LUR-060S150ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUR-040S105ST INVENTRONICS-LUR-040S105ST Datasheet
333Kb / 9P
40W Constant Current IP54 Driver
Rev. A
LUR-040S150ST INVENTRONICS-LUR-040S150ST Datasheet
333Kb / 9P
40W Constant Current IP54 Driver
Rev. A
LUR-040SXXXST INVENTRONICS-LUR-040SXXXST Datasheet
333Kb / 9P
40W Constant Current IP54 Driver
Rev. A
More results


Similar Description - LUR-060S150ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA60JU-SERIES Vitec-ILPA60JU-SERIES Datasheet
296Kb / 2P
60W Water-Proof Constant Current LED Driver
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
60W Water-Proof Constant Current LED Driver
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
60W Constant Voltage Constant Current LED Driver
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
60W Constant Current LED Driver
LCM-60 MEANWELL-LCM-60 Datasheet
311Kb / 12P
60W Multiple-Stage Constant Current Mode LED Driver
LCM-60BLE MEANWELL-LCM-60BLE Datasheet
834Kb / 8P
60W Multiple-Stage Constant Current Mode LED Driver
logo
Inventronics Inc.
LUR-040SXXXST INVENTRONICS-LUR-040SXXXST Datasheet
333Kb / 9P
40W Constant Current IP54 Driver
Rev. A
EBC-060SXXXDV-000X INVENTRONICS-EBC-060SXXXDV-000X Datasheet
998Kb / 10P
60W Constant Current IP67 Driver
Rev. D
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
60W Constant Current IP67 Driver
Rev. M
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
60W Constant Current IP67 Driver
Rev. M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com