Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-052SXXXDSF Datasheet (PDF) - Inventronics Inc.

LUC-052SXXXDSF Datasheet PDF - Inventronics Inc.
Part # LUC-052SXXXDSF
Download  LUC-052SXXXDSF Download
File Size   954.8 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 52W Constant Current Indoor Driver

LUC-052SXXXDSF Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-052SXXXDSF Datasheet PDF - Inventronics Inc.

Part # LUC-052SXXXDSF
Download  LUC-052SXXXDSF Click to download

File Size   954.8 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 52W Constant Current Indoor Driver

LUC-052SXXXDSF Datasheet (HTML) - Inventronics Inc.


LUC-052SXXXDSF Product details

Features
High Efficiency (Up to 86.5%)
Constant Current Output
0-10V Dimmable with High Accuracy
5% Minimum Dimming Level
Low Ripple
All-Around Protection: OVP, SCP, OTP
Class 2 & SELV Output
Double & Reinforced Insulation
5 Years Warranty

Description
The LUC-052SxxxDSF series is a 52W, constant-current, indoor LED driver that operates from 90-305 Vac
input with extra low ripple. It is created for many lighting applications including panel and linear, etc, it provides
good dimming accuracy down to 5% output. The high efficiency of these drivers and slim metal case enable
them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against over voltage, short circuit, and over temperature.




Similar Part No. - LUC-052SXXXDSF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-010S035DSM INVENTRONICS-LUC-010S035DSM Datasheet
337Kb / 10P
10W Constant Current IP20 Driver
Rev. K
LUC-010S035SSM INVENTRONICS-LUC-010S035SSM Datasheet
337Kb / 10P
10W Constant Current IP20 Driver
Rev. K
LUC-010S050DSM INVENTRONICS-LUC-010S050DSM Datasheet
337Kb / 10P
10W Constant Current IP20 Driver
Rev. K
LUC-010S050SSM INVENTRONICS-LUC-010S050SSM Datasheet
337Kb / 10P
10W Constant Current IP20 Driver
Rev. K
LUC-010S070DSM INVENTRONICS-LUC-010S070DSM Datasheet
337Kb / 10P
10W Constant Current IP20 Driver
Rev. K
More results


Similar Description - LUC-052SXXXDSF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
Phihong USA Inc.
PDA015A-350C PHIHONG-PDA015A-350C Datasheet
134Kb / 2P
15W Constant Current LED Driver Power Supply for Indoor Lighting
PDA015B-350C PHIHONG-PDA015B-350C Datasheet
127Kb / 2P
15W Constant Current LED Driver Power Supply for Indoor Lighting
logo
Inventronics Inc.
EUV-052SXXXST INVENTRONICS-EUV-052SXXXST Datasheet
917Kb / 8P
52W Constant Voltage IP67 Driver
Rev. K
EUV-052SXXXSV INVENTRONICS-EUV-052SXXXSV Datasheet
940Kb / 8P
52W Constant Voltage IP67 Driver
Rev. L
LHC-024SXXXRSP INVENTRONICS-LHC-024SXXXRSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LUC-026SXXXDSF INVENTRONICS-LUC-026SXXXDSF Datasheet
325Kb / 8P
26W Constant Current Indoor Driver
Rev. A
LUC-040SXXXDSF INVENTRONICS-LUC-040SXXXDSF Datasheet
924Kb / 8P
40W Constant Current Indoor Driver
Rev. B
EUC-052S105DTC INVENTRONICS-EUC-052S105DTC Datasheet
329Kb / 8P
52W Constant Current IP67 Driver
Rev. C
EUC-052SXXXDT INVENTRONICS-EUC-052SXXXDT Datasheet
990Kb / 12P
52W Constant Current IP67 Driver
Rev. L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com