Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-052SXXXST Datasheet (PDF) - Inventronics Inc.

EUV-052SXXXST Datasheet PDF - Inventronics Inc.
Part # EUV-052SXXXST
Download  EUV-052SXXXST Download
File Size   917.55 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 52W Constant Voltage IP67 Driver

EUV-052SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-052SXXXST Datasheet PDF - Inventronics Inc.

Part # EUV-052SXXXST
Download  EUV-052SXXXST Click to download

File Size   917.55 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 52W Constant Voltage IP67 Driver

EUV-052SXXXST Datasheet (HTML) - Inventronics Inc.


EUV-052SXXXST Product details

Features
High Efficiency (Up to 88%)
Active Power Factor Correction (Typical 0.95)
Constant Voltage Output
IP67 and UL Dry/Damp/Wet location
All-Round Protection: OVP, SCP, OCP,OTP
Class 2 & SELV Output

Description
The EUV-052SxxxST series is a 52W, constant-voltage IP67 LED driver that operates from 90~305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative, tunnel
and street. The high efficiency of these drivers and metal case enable them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
output over voltage, short circuit, over current, and over temperature.




Similar Part No. - EUV-052SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-052SXXXSV INVENTRONICS-EUV-052SXXXSV Datasheet
940Kb / 8P
52W Constant Voltage IP67 Driver
Rev. L
More results


Similar Description - EUV-052SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
EUV-052SXXXSV INVENTRONICS-EUV-052SXXXSV Datasheet
940Kb / 8P
52W Constant Voltage IP67 Driver
Rev. L
LUC-052SXXXDSF INVENTRONICS-LUC-052SXXXDSF Datasheet
954Kb / 8P
52W Constant Current Indoor Driver
Rev. B
EUC-052S105DTC INVENTRONICS-EUC-052S105DTC Datasheet
329Kb / 8P
52W Constant Current IP67 Driver
Rev. C
EUC-052SXXXDT INVENTRONICS-EUC-052SXXXDT Datasheet
990Kb / 12P
52W Constant Current IP67 Driver
Rev. L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com