Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-150SXXXST Datasheet (PDF) - Inventronics Inc.

EUV-150SXXXST Datasheet PDF - Inventronics Inc.
Part # EUV-150SXXXST
Download  EUV-150SXXXST Download
File Size   288.69 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Constant Voltage IP67 Driver

EUV-150SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-150SXXXST Datasheet PDF - Inventronics Inc.

Part # EUV-150SXXXST
Download  EUV-150SXXXST Click to download

File Size   288.69 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Constant Voltage IP67 Driver

EUV-150SXXXST Datasheet (HTML) - Inventronics Inc.


EUV-150SXXXST Product details

Features
 High Efficiency (Up to 93%)
 Constant Voltage Output
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: OVP, OCP, SCP, OTP
 IP67 and UL Dry / Damp / Wet Location
 SELV
 TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
 5 Years Warranty
Description
The EUV-150SxxxST series is a 150W, constant-Voltage LED driver that operates from 90-305 Vac input with
excellent power factor. It is created for many lighting applications including high bay, tunnel and roadway, etc.
The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
output over voltage, over current, short circuit, and over temperature.




Similar Part No. - EUV-150SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-150SXXXSV INVENTRONICS-EUV-150SXXXSV Datasheet
281Kb / 8P
150W Constant Voltage IP67 Driver
Rev. U
More results


Similar Description - EUV-150SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-150SXXXSV INVENTRONICS-DS-EBV-150SXXXSV Datasheet
538Kb / 10P
150W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXDTASTA INVENTRONICS-EUV-150SXXXDTASTA Datasheet
533Kb / 11P
150W Constant Voltage IP67 Driver
Rev.C
EUV-150SXXXDVASVA INVENTRONICS-EUV-150SXXXDVASVA Datasheet
1Mb / 11P
150W Constant Voltage IP67 Driver
Rev.D
EUV-150SXXXSV INVENTRONICS-EUV-150SXXXSV Datasheet
281Kb / 8P
150W Constant Voltage IP67 Driver
Rev. U
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
ETC-150SXXXDT INVENTRONICS-ETC-150SXXXDT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDVA INVENTRONICS-EUC-150SXXXDVA Datasheet
590Kb / 11P
150W Constant Current IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com