Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-EBV-150SXXXSV Datasheet (PDF) - Inventronics Inc.

DS-EBV-150SXXXSV Datasheet PDF - Inventronics Inc.
Part # DS-EBV-150SXXXSV
Download  DS-EBV-150SXXXSV Download
File Size   538.08 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Constant Voltage IP67 Driver

DS-EBV-150SXXXSV Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-EBV-150SXXXSV Datasheet PDF - Inventronics Inc.

Part # DS-EBV-150SXXXSV
Download  DS-EBV-150SXXXSV Click to download

File Size   538.08 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Constant Voltage IP67 Driver

DS-EBV-150SXXXSV Datasheet (HTML) - Inventronics Inc.


DS-EBV-150SXXXSV Product details

Features
Description
The EBV-150SxxxSV series is a 150W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage. The high efficiency of the driver and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
 High Efficiency (up to 91.5%)
 Constant Voltage Output
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: OCP, OVP, SCP, OTP
 IP67
 SELV Output
 5 Years Warranty




Similar Part No. - DS-EBV-150SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-100SXXXSV INVENTRONICS-DS-EBV-100SXXXSV Datasheet
531Kb / 9P
100W Constant Voltage IP67 Driver
Rev. C
More results


Similar Description - DS-EBV-150SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-150SXXXDTASTA INVENTRONICS-EUV-150SXXXDTASTA Datasheet
533Kb / 11P
150W Constant Voltage IP67 Driver
Rev.C
EUV-150SXXXDVASVA INVENTRONICS-EUV-150SXXXDVASVA Datasheet
1Mb / 11P
150W Constant Voltage IP67 Driver
Rev.D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-150SXXXSV INVENTRONICS-EUV-150SXXXSV Datasheet
281Kb / 8P
150W Constant Voltage IP67 Driver
Rev. U
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
ETC-150SXXXDT INVENTRONICS-ETC-150SXXXDT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDVA INVENTRONICS-EUC-150SXXXDVA Datasheet
590Kb / 11P
150W Constant Current IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com