Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-EBV-100SXXXSV Datasheet (PDF) - Inventronics Inc.

DS-EBV-100SXXXSV Datasheet PDF - Inventronics Inc.
Part # DS-EBV-100SXXXSV
Download  DS-EBV-100SXXXSV Download
File Size   531.55 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Constant Voltage IP67 Driver

DS-EBV-100SXXXSV Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-EBV-100SXXXSV Datasheet PDF - Inventronics Inc.

Part # DS-EBV-100SXXXSV
Download  DS-EBV-100SXXXSV Click to download

File Size   531.55 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Constant Voltage IP67 Driver

DS-EBV-100SXXXSV Datasheet (HTML) - Inventronics Inc.


DS-EBV-100SXXXSV Product details

Features
Description
The EBV-100SxxxSV series is a 100W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage. The high efficiency of the driver and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
 High Efficiency (Up to 92%)
 Constant Voltage Output
 No-Load Power < 0.5 W
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: OCP, OVP, SCP, OTP
 IP67
 SELV Output
 5 Years Warranty




Similar Part No. - DS-EBV-100SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-150SXXXSV INVENTRONICS-DS-EBV-150SXXXSV Datasheet
538Kb / 10P
150W Constant Voltage IP67 Driver
Rev. D
More results


Similar Description - DS-EBV-100SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
DS-EDC-100S105SV INVENTRONICS-DS-EDC-100S105SV Datasheet
432Kb / 9P
100W Constant Current IP66/IP67 Driver
Rev.B
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
LUV-100SXXXSF INVENTRONICS-LUV-100SXXXSF Datasheet
559Kb / 9P
100W Constant Voltage Driver
Rev.B
EUV-100SXXXSV INVENTRONICS-EUV-100SXXXSV Datasheet
430Kb / 7P
100W Constant Voltage IP67 Driver
Rev. N
EBC-100SXXXSV-000X INVENTRONICS-EBC-100SXXXSV-000X Datasheet
197Kb / 8P
100W Constant Current IP67 Driver
Rev. D
EUC-100SXXXDV INVENTRONICS-EUC-100SXXXDV Datasheet
241Kb / 11P
100W Constant Current IP67 Driver
Rev. N
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com