Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-EBV-400SXXXSV Datasheet (PDF) - Inventronics Inc.

DS-EBV-400SXXXSV Datasheet PDF - Inventronics Inc.
Part # DS-EBV-400SXXXSV
Download  DS-EBV-400SXXXSV Download
File Size   523.58 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 400W Constant Voltage IP67 Driver

DS-EBV-400SXXXSV Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-EBV-400SXXXSV Datasheet PDF - Inventronics Inc.

Part # DS-EBV-400SXXXSV
Download  DS-EBV-400SXXXSV Click to download

File Size   523.58 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 400W Constant Voltage IP67 Driver

DS-EBV-400SXXXSV Datasheet (HTML) - Inventronics Inc.


DS-EBV-400SXXXSV Product details

Features
 High Efficiency (up to 93%)
 Constant Voltage Output
 Input Surge Protection: DM 4kV , CM 6kV
 All-Around Protection: OCP, OVP, SCP, OTP
 IP67
 SELV Output
 5 Years Warranty
Description
The EBV-400SxxxSV series is a 400W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage, etc. The high efficiency of the driver and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.




Similar Part No. - DS-EBV-400SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-048SXXXSVF INVENTRONICS-DS-EBV-048SXXXSVF Datasheet
348Kb / 8P
48W Constant Voltage IP67 Driver
Rev. B
DS-EBV-060SXXXSV INVENTRONICS-DS-EBV-060SXXXSV Datasheet
575Kb / 10P
60W Constant Voltage IP67 Driver
Rev. C
DS-EBV-060SXXXSVF INVENTRONICS-DS-EBV-060SXXXSVF Datasheet
348Kb / 8P
60W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
More results


Similar Description - DS-EBV-400SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-200SXXXSV INVENTRONICS-DS-EBV-200SXXXSV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
EUV-150SXXXDTASTA INVENTRONICS-EUV-150SXXXDTASTA Datasheet
533Kb / 11P
150W Constant Voltage IP67 Driver
Rev.C
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com