Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-250SXXXSV Datasheet (PDF) - Inventronics Inc.

EUV-250SXXXSV Datasheet PDF - Inventronics Inc.
Part # EUV-250SXXXSV
Download  EUV-250SXXXSV Download
File Size   401.8 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 250W Constant Voltage IP67 Driver

EUV-250SXXXSV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-250SXXXSV Datasheet PDF - Inventronics Inc.

Part # EUV-250SXXXSV
Download  EUV-250SXXXSV Click to download

File Size   401.8 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 250W Constant Voltage IP67 Driver

EUV-250SXXXSV Datasheet (HTML) - Inventronics Inc.


EUV-250SXXXSV Product details

Features
High Efficiency (Up to 93.5%)
Constant Voltage Output
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, OCP, SCP, OTP
IP67
SELV Output
5 Years Warranty

Description
The EUV-250SxxxSV series is a 250W, constant-voltage LED driver that operates from 90-305 Vac input with
excellent power factor. It is created for architecture lighting, decorative lighting, high bay, high mast, arena and
roadway lights, etc. The high efficiency of these drivers and compact metal case enables them to run cooler,
significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, over current, short circuit, and over temperature.




Similar Part No. - EUV-250SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-250SXXXST INVENTRONICS-EUV-250SXXXST Datasheet
443Kb / 9P
250W Constant Voltage IP67 Driver
Rev. M
More results


Similar Description - EUV-250SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-200SXXXSV INVENTRONICS-DS-EBV-200SXXXSV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXST INVENTRONICS-EUV-250SXXXST Datasheet
443Kb / 9P
250W Constant Voltage IP67 Driver
Rev. M
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com