Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-030SXXXDTM Datasheet (PDF) - Inventronics Inc.

EUC-030SXXXDTM Datasheet PDF - Inventronics Inc.
Part # EUC-030SXXXDTM
Download  EUC-030SXXXDTM Download
File Size   821.67 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 30W Constant Current IP66 Driver

EUC-030SXXXDTM Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-030SXXXDTM Datasheet PDF - Inventronics Inc.

Part # EUC-030SXXXDTM
Download  EUC-030SXXXDTM Click to download

File Size   821.67 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 30W Constant Current IP66 Driver

EUC-030SXXXDTM Datasheet (HTML) - Inventronics Inc.


EUC-030SXXXDTM Product details

Features
 Low THD, 10% Max up to 240 Vac
 Compact Metal Case with Excellent Thermal
Performance
 Isolated 0-10V Dimmable
 Input Surge Protection: 4kV line-line, 6kV line-earth
 High Reliability & Long Lifetime: 88,000 hrs. at 75C
Case Temperature
 Suitable for Built-in Use and Class I Luminaires
 Input UVP and Input OVP
 Waterproof(IP66) and UL Dry / Damp Location
 Class 2 & SELV Output
 TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
 5 Years Warranty

Description
The EUC-030SxxxDTM series is a 30W, constant-current IP66 LED driver that operates from 90-305 Vac input
with excellent power factor and THD feature. It is created for low bay, tunnel and street lights. The high
efficiency of these drivers and compact metal case enable them to run cooler, significantly improving reliability
and extending product life. To ensure trouble-free operation, protection is provided against input surge, input
under voltage, input over voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - EUC-030SXXXDTM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-030SXXXDVM INVENTRONICS-EUC-030SXXXDVM Datasheet
791Kb / 9P
30W Constant Current IP67 Driver
Rev. A
More results


Similar Description - EUC-030SXXXDTM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LTC-040SXXXDSP INVENTRONICS-LTC-040SXXXDSP Datasheet
336Kb / 9P
40W Constant Current IP66 Driver
Rev. C
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
EUC-025SXXXDS INVENTRONICS-EUC-025SXXXDS Datasheet
866Kb / 8P
96W Constant Current IP66 Driver
Rev. L
EUC-026SXXXDSC INVENTRONICS-EUC-026SXXXDSC Datasheet
349Kb / 8P
26W Constant Current IP66 Driver
Rev. C
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDS INVENTRONICS-EUC-042SXXXDS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com