Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUC-042SXXXDSP Datasheet (PDF) - Inventronics Inc.

LUC-042SXXXDSP Datasheet PDF - Inventronics Inc.
Part # LUC-042SXXXDSP
Download  LUC-042SXXXDSP Download
File Size   899.53 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP66 Driver

LUC-042SXXXDSP Datasheet (PDF)

Go To PDF Page Download Datasheet
LUC-042SXXXDSP Datasheet PDF - Inventronics Inc.

Part # LUC-042SXXXDSP
Download  LUC-042SXXXDSP Click to download

File Size   899.53 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP66 Driver

LUC-042SXXXDSP Datasheet (HTML) - Inventronics Inc.


LUC-042SXXXDSP Product details

Features
High Efficiency (Up to 89%)
Constant Output Current
0-10V Dimmable
All-Around Protection: OVP, SCP ,OTP
Waterproof (IP66) and UL Dry & Damp Location
Class 2 & SELV Output
Suitable for Built-in Use

Description
The LUC-042SxxxDSP(SSP) series is a 42W, constant-current IP66 LED driver that operates from 90-305
Vac input with excellent power factor. They are created for down lights and panel lights etc. The high
efficiency of these drivers enables them to run cooler, significantly improving reliability and extending
product life. To ensure trouble-free operation, protection is provided against output over voltage, short
circuit and over temperature.




Similar Part No. - LUC-042SXXXDSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
More results


Similar Description - LUC-042SXXXDSP

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
EBC-042S105DV-000X INVENTRONICS-EBC-042S105DV-000X Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDDM INVENTRONICS-EUC-042SXXXDDM Datasheet
1Mb / 9P
42W Class II Constant Current IP66 Driver
Rev. C
EUC-042SXXXDS INVENTRONICS-EUC-042SXXXDS Datasheet
615Kb / 12P
42W Constant Current IP66 Driver
Rev.T
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDVM INVENTRONICS-EUC-042SXXXDVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com