Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-030S050DVM Datasheet (PDF) - Inventronics Inc.

EUC-030S050DVM Datasheet PDF - Inventronics Inc.
Part # EUC-030S050DVM
Download  EUC-030S050DVM Download
File Size   791.79 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 30W Constant Current IP67 Driver

EUC-030S050DVM Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-030S050DVM Datasheet PDF - Inventronics Inc.

Part # EUC-030S050DVM
Download  EUC-030S050DVM Click to download

File Size   791.79 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 30W Constant Current IP67 Driver

EUC-030S050DVM Datasheet (HTML) - Inventronics Inc.


EUC-030S050DVM Product details

Features
Low THD, 10% Max up to 240 Vac
Compact Metal Case with Excellent Thermal
Performance
Isolated 0-10V Dimmable
Input Surge Protection: 4kV line-line, 6kV line-earth
High Reliability & Long Lifetime: 88,000 hrs. at 75C
Case Temperature
Suitable for Independent Use and Class I Luminaires
Input UVP and Input OVP
Waterproof(IP67)
SELV Output
5 Years Warranty
Description
The EUC-030SxxxDVM series is a 30W, constant-current IP67 LED driver that operates from 90-305 Vac input
with excellent power factor and THD feature. It is created for low bay, tunnel and street lights. The high
efficiency of these drivers and compact metal case enable them to run cooler, significantly improving reliability
and extending product life. To ensure trouble-free operation, protection is provided against input surge, input
under voltage, input over voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - EUC-030S050DVM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-030S050DTM INVENTRONICS-EUC-030S050DTM Datasheet
821Kb / 9P
30W Constant Current IP66 Driver
Rev. A
More results


Similar Description - EUC-030S050DVM

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-030SXXXDTM INVENTRONICS-EUC-030SXXXDTM Datasheet
821Kb / 9P
30W Constant Current IP66 Driver
Rev. A
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
60W Constant Current IP67 Driver
Rev. M
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
60W Constant Current IP67 Driver
Rev. M
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-096SXXXDV INVENTRONICS-EUC-096SXXXDV Datasheet
993Kb / 9P
96W Constant Current IP67 Driver
Rev. O
EUC-120SXXXDV INVENTRONICS-EUC-120SXXXDV Datasheet
944Kb / 11P
120W Constant Current IP67 Driver
Rev. L
EUC-200SXXXDV INVENTRONICS-EUC-200SXXXDV Datasheet
534Kb / 12P
200W Constant Current IP67 Driver
Rev. F
EUC-320SXXXDT INVENTRONICS-EUC-320SXXXDT Datasheet
1Mb / 13P
320W Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com