Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20KP Datasheet (PDF) - UN Semiconducctor INC

20KP Datasheet PDF - UN Semiconducctor INC
Part # 20KP
Download  20KP Download
File Size   3283.98 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 20000W Surface Mount Transient Voltage Suppressors

20KP Datasheet (PDF)

Go To PDF Page Download Datasheet
20KP Datasheet PDF - UN Semiconducctor INC

Part # 20KP
Download  20KP Click to download

File Size   3283.98 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 20000W Surface Mount Transient Voltage Suppressors

20KP Datasheet (HTML) - UN Semiconducctor INC


20KP Product details

Features
Glass passivated chip
20000W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
Typical IR less than 2μA above 40V
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant




Similar Part No. - 20KP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
20KP NJSEMI-20KP Datasheet
136Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
20KP LEIDITECH-20KP Datasheet
865Kb / 5P
20KW Transient Voltage Suppressor
logo
FutureWafer Tech Co.,Lt...
20KP FUTUREWAFER-20KP Datasheet
879Kb / 9P
20000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
Won-Top Electronics
20KP WTE-20KP Datasheet
104Kb / 5P
20000W TRANSIENT VOLTAGE SUPPRESSOR
February, 2014
logo
MDE Semiconductor, Inc.
20KP104A MDE-20KP104A Datasheet
30Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 20KP

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com