Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20KP Datasheet (PDF) - Won-Top Electronics

20KP Datasheet PDF - Won-Top Electronics
Part # 20KP
Download  20KP Download
File Size   104.22 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20000W TRANSIENT VOLTAGE SUPPRESSOR

20KP Datasheet (PDF)

Go To PDF Page Download Datasheet
20KP Datasheet PDF - Won-Top Electronics

Part # 20KP
Download  20KP Click to download

File Size   104.22 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 20000W TRANSIENT VOLTAGE SUPPRESSOR

20KP Datasheet (HTML) - Won-Top Electronics


20KP Product details

Glass Passivated Die Construction
20000W Peak Pulse Power Dissipation
20V – 300V Standoff Voltage
Uni- and Bi-Directional Versions Available
Excellent Clamping Voltage
Typical Response Time < 1nS
Plastic Case Material has UL Flammability
Classification Rating 94V-0




Similar Part No. - 20KP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
20KP NJSEMI-20KP Datasheet
136Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
20KP LEIDITECH-20KP Datasheet
865Kb / 5P
20KW Transient Voltage Suppressor
logo
FutureWafer Tech Co.,Lt...
20KP FUTUREWAFER-20KP Datasheet
879Kb / 9P
20000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
UN Semiconducctor INC
20KP UNSEMI-20KP Datasheet
3Mb / 6P
20000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
MDE Semiconductor, Inc.
20KP104A MDE-20KP104A Datasheet
30Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 20KP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
logo
FutureWafer Tech Co.,Lt...
20KP FUTUREWAFER-20KP Datasheet
879Kb / 9P
20000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
UN Semiconducctor INC
20KP UNSEMI-20KP Datasheet
3Mb / 6P
20000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com