Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS3D5N08X Datasheet (PDF) - ON Semiconductor

NTMFS3D5N08X Datasheet PDF - ON Semiconductor
Part # NTMFS3D5N08X
Download  NTMFS3D5N08X Download
File Size   147.38 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A

NTMFS3D5N08X Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS3D5N08X Datasheet PDF - ON Semiconductor

Part # NTMFS3D5N08X
Download  NTMFS3D5N08X Click to download

File Size   147.38 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A

NTMFS3D5N08X Datasheet (HTML) - ON Semiconductor


NTMFS3D5N08X Product details

Features
• Low QRR, Soft Recovery Body Diode
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• Synchronous Rectification (SR) in DC−DC and AC−DC
• Primary Switch in Isolated DC−DC Converter
• Motor Drives




Similar Part No. - NTMFS3D5N08X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS3D0N08X ONSEMI-NTMFS3D0N08X Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D0N08XT1G ONSEMI-NTMFS3D0N08XT1G Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D1N04XM ONSEMI-NTMFS3D1N04XM Datasheet
217Kb / 7P
MOSFET – Power, Single N-Channel, SO8FL 40 V, 3.1 m, 83 A
pril, 2024 - Rev. 1
NTMFS3D2N10MD ONSEMI-NTMFS3D2N10MD Datasheet
202Kb / 8P
MOSFET ??Power, Single, N-Channel 100 V, 3.5 m, 142 A
June, 2021 ??Rev. 0
NTMFS3D6N10MCL ONSEMI-NTMFS3D6N10MCL Datasheet
171Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 3.6 m, 131 A
April, 2020 ??Rev. 2
More results


Similar Description - NTMFS3D5N08X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFWS1D5N08X ONSEMI-NVMFWS1D5N08X Datasheet
164Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 1.43 m, 253 A
April, 2023 - Rev. 0
NTMFS2D1N08X ONSEMI-NTMFS2D1N08X Datasheet
154Kb / 7P
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 80 V, 1.9 m, 201 A
October, 2023 - Rev. 0
NTMFS2D5N08X ONSEMI-NTMFS2D5N08X Datasheet
146Kb / 6P
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.1 m, 181 A
October, 2023 - Rev. 0
NVMFWS1D9N08X ONSEMI-NVMFWS1D9N08X Datasheet
168Kb / 7P
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 80 V, 1.9 m, 201 A
October, 2023 - Rev. 1
NVMFWS2D1N08X ONSEMI-NVMFWS2D1N08X Datasheet
258Kb / 8P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.1 m, 181 A
October, 2023 - Rev. 0
NTMFS3D0N08X ONSEMI-NTMFS3D0N08X Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NVMFWS2D5N08X ONSEMI-NVMFWS2D5N08X Datasheet
164Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.55 m, 156 A
November, 2023 - Rev. 0
NVMFWS3D0N08X ONSEMI-NVMFWS3D0N08X Datasheet
165Kb / 8P
MOSFET - Power, Single N-Channel STD Gate, SO8FL 80 V, 3 m, 135 A
October, 2023 - Rev. 0
NTMFS4D0N08X ONSEMI-NTMFS4D0N08X Datasheet
231Kb / 8P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3.5 m, 119 A
December, 2023 - Rev. 0
NVMFWS3D5N08X ONSEMI-NVMFWS3D5N08X Datasheet
162Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3.5 m, 119 A
December, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com